Electronic Components Datasheet Search
  English  ▼

X  

MAX17015B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17015B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17015B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17015B Datasheet HTML 1Page - Maxim Integrated Products MAX17015B Datasheet HTML 2Page - Maxim Integrated Products MAX17015B Datasheet HTML 3Page - Maxim Integrated Products MAX17015B Datasheet HTML 4Page - Maxim Integrated Products MAX17015B Datasheet HTML 5Page - Maxim Integrated Products MAX17015B Datasheet HTML 6Page - Maxim Integrated Products MAX17015B Datasheet HTML 7Page - Maxim Integrated Products MAX17015B Datasheet HTML 8Page - Maxim Integrated Products MAX17015B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 19V, VBATT = VCSIP = VCSIN = 16.8V, VVCTL = VAA, VISET = 1V, TA = 0°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DCIN, CSSP, CSSN, BATT, CSIN, CSIP, ACOK,
LX to AGND .......................................................-0.3V to +30V
BST to LDO.............................................................-0.3V to +30V
CSIP to CSIN, CSSP to CSSN .............................. -0.3V to +0.3V
IINP, FB, ACIN, CC to AGND .....................-0.3V to (VAA + 0.3V)
VAA, LDO, ISET, VCTL to AGND .............................-0.3V to +6V
DHI to LX ...................................................-0.3V to (VBST + 0.3V)
BST to LX..................................................................-0.3V to +6V
DLO to PGND ...........................................-0.3V to (VLDO + 0.3V)
PGND to AGND .................................................... -0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 16.9mW/°C above +70°C)....1349.1mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-VOLTAGE REGULATION
2 cells, VVCTL = VAGND (MAX17006B)
8.3664
8.40
8.4336
3 cells, VVCTL = VAA (MAX17005B/MAX17006B)
12.549
12.60
12.651
4 cells, VVCTL = VAGND (MAX17005B)
16.733
16.80
16.867
Battery Regulation-Voltage Accuracy
FB accuracy using FB divider (MAX17015B)
(Note 1)
2.0916
2.1
2.1084
V
FB Input Bias Current
-1
+1
μA
2 cells (MAX17006B), 4 cells (MAX17005B)
0
VAA/2
- 0.2
VCTL Range
3 cells (MAX17005B/MAX17006B)
VAA/2
+ 0.2
VAA
V
VCTL Gain
VCELL/VVCTL
5.85
6
6.15
V/V
VCTL Input Bias Current
VVCTL = VAGND and VCTL = VAA
-1
+1
μA
CHARGE-CURRENT REGULATION
ISET Range
0
VAA/2
V
ISET = 1.4V
80
ISET Full-Scale Setting
ISET = 99.9% duty cycle
60
mV
58.2
60
61.8
mV
VISET = VAA/4 or ISET
= 99.9% duty cycle
-3
+3
%
38.2
40
41.8
mV
Full-Charge Current Accuracy
(CSIP to CSIN)
VISET = VAA/6 or ISET
= 66.7% duty cycle
-4.5
+4.5
%
1.4
3
4.6
mV
Trickle Charge-Current Accuracy
VBATT = 1V to 16.8V
VISET = VAA/80 or ISET
= 5% duty cycle
-52
+52
%
Charge-Current Gain Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-2
+2
%
Charge-Current Offset Error
Based on VISET = VVAA/4 and VISET = VVAA/80
-1.4
+1.4
mV
BATT/CSIP/CSIN Input-Voltage Range
0
24
V
ISET falling
21
26
31
ISET Power-Down Mode Threshold
ISET rising
33
40
47
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com