Electronic Components Datasheet Search
  English  ▼

X  

MAX17061A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17061A
Description  8-String White LED Driver with SMBus for LCD Panel Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17061A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17061A Datasheet HTML 1Page - Maxim Integrated Products MAX17061A Datasheet HTML 2Page - Maxim Integrated Products MAX17061A Datasheet HTML 3Page - Maxim Integrated Products MAX17061A Datasheet HTML 4Page - Maxim Integrated Products MAX17061A Datasheet HTML 5Page - Maxim Integrated Products MAX17061A Datasheet HTML 6Page - Maxim Integrated Products MAX17061A Datasheet HTML 7Page - Maxim Integrated Products MAX17061A Datasheet HTML 8Page - Maxim Integrated Products MAX17061A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = 12V, CCCV = 0.022µF, RCCV = 5.1kΩ, VISET = VOSC = VDD = VCC = 5V, RFSET = 464kΩ, VPWMI = GND,
TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..............................................................-0.3V to +28V
FB_, LX_ to GND ....................................................-0.3V to +45V
PGND_ to GND......................................................-0.3V to +0.3V
VCC, VDD, PWMI, SDA, SCL to GND ........................-0.3V to +6V
ISET, CCV, PWMO, FSET, OSC,
OV to GND ...............................................-0.3V to VCC + 0.3V
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN (derate 16.9mW/°C above +70°C) .1667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
8-String White LED Driver with
SMBus for LCD Panel Applications
2
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Input Voltage Range
7.5
26
V
Rising edge
7.08
7.2
7.32
IN UVLO Threshold
Falling edge
6.86
6.98
7.1
V
MAX17061A is enabled
70
110
IN Input Current
VIN = 26V
MAX17061A is disabled, TA = +25°C
+1
+1
μA
VCC Input Voltage
4.5
5
5.5
V
VCC UVLO Threshold
Rising edge, typical hysteresis = 10mV
4.00
4.25
4.45
V
VCC Quiescent Current
MAX17061A is enabled
1.24
2
mA
VCC Shutdown Current
MAX17061A is disabled
10
μA
BOOST CONVERTER
LX On-Resistance
20mA from LX_ to PGND
0.15
0.3
LX Leakage Current
45V on LX_, TA = +25°C
1
μA
VOSC = VCC
0.9
1.0
1.1
MHz
VOSC = open
675
750
825
Operating Frequency
VOSC = GND
450
500
550
kHz
OSC High-Level Threshold
VCC -
0.4
V
OSC Midlevel Threshold
1.5
VCC -
2.0
V
OSC Low-Level Threshold
0.4
V
Minimum Duty Cycle
PWM mode (Note 1)
10
%
Maximum Duty Cycle
94
95.5
97
%
LX Current Limit
Duty cycle = 75% (Note 1)
1.6
A
CONTRL INPUT
SDA, SCL Logic Input-High Level
2.1
SDA, SCL Logic Input-Low Level
0.8
V
PWMI Logic Input-High Level
2.1
V
PWMI Logic Input-Low Level
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com