Electronic Components Datasheet Search
  English  ▼

X  

EPR1126 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1126
Description  ISDN U Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1126 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1126 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
ISDN U Interface Transformers
CSR1136 - CSR1139
Rev. -
3/15/99
• Optimizied for Leading Transceiver I.C.’s •
• Meets or exceeds UL1459 & IEC950 Standards •
• 2500 Vrms Isolation •
• See Selection Guide for I.C. Cross Reference •
• *Also available in 8 Pin Package •
Schematic
Package
E L E C T R O N I C S I N C .
Dimensions
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Pri. DCR
(
Ω Max.)
12.5
20
16
Sec. DCR
(
Ω Max.)
7
3
2.5
OCL
(mH Min.)
26.5-30.0
25.6-28.4
14.2-15.8
Part
Number
EPR1126
EPR1128
EPR1129
1, 5
1, 5
1, 5
Line Side
Pins
Schematic
A
B
B
80
60
60
IDC
(mA Max.)
Turns
Ratio
1:.25:1
1.50:1
1.50:1
A
B
C
D
E
F
G
H
I
K
L
M
N
P
Q
Dim.
Min.
.950
.910
.500
.760
.059
.155
1.075
---
---
8°
---
---
---
---
---
Max.
---
.900
---
.750
.039
.150
1.065
.038
.015
---
.140
.070
.150
.190
1.105
Nom.
(Inches)
(millimeters)
---
22.61
---
18.80
.483
3.68
25.15
---
---
0°
---
---
---
---
---
Min.
24.13
23.11
12.70
19.30
1.50
3.94
27.30
---
---
8°
---
---
---
---
---
Max.
---
22.86
---
19.05
.991
3.81
27.05
.970
.381
---
3.56
1.78
3.81
4.83
28.07
Nom.
---
.890
---
.740
.019
.145
1.055
---
---
0°
---
---
---
---
---
D
A
C
F
H
E
BQ
P
N
M
I
G
L
Pad
Layout
K
PCA
EPR11XX
D.C.
10
6
15
Pin 1
i.d.
B
14
9
5
2
7
8
A
12
9
5
4
7
8


Similar Part No. - EPR1126

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1120 PCA-EPR1120 Datasheet
27Kb / 1P
ISDN U Interface Transformers
More results

Similar Description - EPR1126

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
0559-6204-00 BEL-0559-6204-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
ISDN U-Interface Transformers
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/27/98
T-1053 RHOMBUS-IND-T-1053 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
05/23/97
T-1054 RHOMBUS-IND-T-1054 Datasheet
32Kb / 1P
ISDN TRANSFORMERS "U" INTERFACE
4/3/98
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
ISDN U Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com