Electronic Components Datasheet Search
  English  ▼

X  

EPR1302G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1302G
Description  T3/DS3/E3/STS-1 Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1302G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1302G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
T3/DS3/E3/STS-1
Interface Transformers
CSR1301G - CSR1329G
Rev. -
3/12/99
• Optimizied for leading Transceiver I.C.’s •
• Meets or exceeds UL1950, EN60950 & G703 Standards •
• 2000 Vrms Isolation •
• See Selection Guide for I.C. Cross Reference •
Schematic
Package
E L E C T R O N I C S I N C .
Dimensions
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
LI
(µH Max.)
0.12
0.12
0.3
0.1
0.12
0.12
0.3
0.1
OCL
(µH Min.)
40
35
150
50
40
35
150
50
Part
Number
EPR1301G*
EPR1302G
EPR1303G
EPR1304G
EPR1326G*
EPR1327G
EPR1328G
EPR1329G
1.7 / 1.7
1.0 / 1.0
1.4 / 1.4
1.0 / 1.8
1.4 / 1.2
1.4 / 1.4
1.4 / 1.4
1.2 / 1.2
DCR
(
Ω Max.)
Primary
Pins
1, 5 *
1, 5
1, 5
1, 5
1, 5 *
1, 5
1, 5
1, 5
13
20
15
12
13
20
15
12
Cw/w
(pF Max.)
Turns
Ratio
1:1
1:2CT
1:4CT
1:1.73CT
1:1
1:2CT
1:4CT
1:1.73CT
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
Min.
.300
.300
.250
---
.015
---
.400
.022
.012
---
8°
.055
---
---
---
---
Max.
.290
.290
.240
.500
.0125
.100
.390
.020
.010
.085
---
.045
.030
.100
.085
.610
Nom.
(Inches)
(millimeters)
7.11
7.11
5.84
---
.254
---
13.72
.457
.203
---
0°
.635
---
---
---
---
Min.
7.62
7.62
6.35
---
.381
---
12.22
.559
.305
---
8°
1.14
---
---
---
---
Max.
7.37
7.37
6.10
12.70
.318
2.54
13.97
.508
.254
2.16
---
.889
.762
2.54
2.16
15.50
Nom.
.280
.280
.230
---
.010
---
.380
.018
.008
---
0°
.035
---
---
---
---
12
5
4
6
A
PCA
EPRXXXXG
D.C.
Pin 1
I.D.
D
J
B
E
C
H
F
G
L
K
I
Pad
Layout
N
M
P
Q
• * Pin 4 not connected •


Similar Part No. - EPR1302G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1305S PCA-EPR1305S Datasheet
45Kb / 1P
T3/DS3/E3/STS-1 Interface Transformer
EPR1306FE PCA-EPR1306FE Datasheet
51Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
More results

Similar Description - EPR1302G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1306FE PCA-EPR1306FE Datasheet
51Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
EPR1351 PCA-EPR1351 Datasheet
27Kb / 1P
T3/DS3/E3/STS-1 Interface Transformers
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
T3 / DS3 / E3 / STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
T3001 PULSE-T3001 Datasheet
131Kb / 2P
T3/DS3/E3/STS-1 TRANSFORMERS
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com