Electronic Components Datasheet Search
  English  ▼

X  

EPR1502S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1502S
Description  T1/ E1 Quad Port Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1502S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1502S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DCR
(
Ω Max.)
Xmit & RCV
1
Pri.
Sec.
2
Electrical Parameters @ 25° C
T1/ E1 Quad Port Transformer
CSR1502S
Rev. - 10/12/99
• Design to work with Crystal 61574/ 35A / 84 •
Exar T5650, C240 & Level One LXT317 / 318
• Minimized Crosstalk •
• Robust construction allows for IR/VP reflow processes
•
• 1500 Vrms Isolation •
• Operating Temperature 0°C to 70°C
•
EPR1502S
E L E C T R O N I C S I N C .
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Schematic
XMIT1
RCV 1
1
2
3
4
5
6
7
8
9
10 11
12
13 14
15 16
17
18 19
20
40
39
Pri.
38
37
36
Sec.
Package
Product performance is limited to specified parameters. Data is subject to change without prior notice.
1.2
Primary Inductance
(mH Min.)
@ 100 KHz, 0.1 Vrms
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
1.110
.470
.250
---
.010
---
.590
.016
.008
---
0°
.025
---
---
---
---
Min.
1.130
.490
.270
---
.015
---
.610
.022
.012
---
8°
.045
---
---
---
---
Max.
1.120
.480
.260
.950
.012
.050
.600
.019
.010
.085
---
.035
.030
.050
.090
.670
Nom.
(Inches)
(Millimeters)
28.19
11.94
6.35
---
.254
---
14.99
.406
.203
---
0°
.635
---
---
---
---
Min.
28.70
12.45
6.86
---
.381
---
15.49
.559
.305
---
8°
1.14
---
---
---
---
Max.
28.45
12.19
6.60
24.13
.305
1.27
15.24
.483
.254
2.16
---
.889
.762
1.27
2.29
17.02
Nom.
F
Solder Pad Layout
PCA
EPR1502S
Date Code
B
Q
N
M
P
120
21
40
C
L
I
G
E
D
H
A
K
J
Pin 1
I.D.
Turns Ratio
(± 2%)
1: 2 CT
Xmit & RCV
Pri:Sec
XMIT 2
RCV 2
XMIT 3
RCV 3
XMIT 4
RCV 4
Pri
Sec
35
34
Pri.
33
32
31
Sec.
Pri
Sec
30
29
Pri.
28
27
26
Sec.
Pri
Sec
25
24
Pri.
23
22
21
Sec.
Pri
Sec
Leakage Inductance
(µH Max.)
0.6
@ 100 KHz, 0.1 Vrms
Measure Pri. &
short Sec.
Interwinding Capacitance
(pF Max.)
35
@ 100 KHz, 0.1 Vrms
Pri. to Sec.


Similar Part No. - EPR1502S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
High Voltage DC Capacitors
11-Aug-10
EPR150-104 VISHAY-EPR150-104 Datasheet
85Kb / 3P
High Voltage DC Filter Capacitors
22-Nov-2019
logo
PCA ELECTRONICS INC.
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
T1/E1 Transformers
More results

Similar Description - EPR1502S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3455S PCA-EPA3455S Datasheet
31Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPA3481S PCA-EPA3481S Datasheet
32Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPA3557S PCA-EPA3557S Datasheet
86Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1525S PCA-EPR1525S Datasheet
43Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1526S PCA-EPR1526S Datasheet
31Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1531S PCA-EPR1531S Datasheet
48Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1532S PCA-EPR1532S Datasheet
30Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1533SE PCA-EPR1533SE Datasheet
81Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1534S PCA-EPR1534S Datasheet
38Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1537S PCA-EPR1537S Datasheet
53Kb / 1P
T1/E1 Quad Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com