Electronic Components Datasheet Search
  English  ▼

X  

EPR1547 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1547
Description  T1/CEPT Line Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1547 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1547 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Parameters @ 25° C
T1/CEPT Line Interface Transformers
CSR1541 - CSR1552
Rev. -
6/21/00
• Optimizied for Leading Transceiver I.C.’s •
• Reinforced Insulation per UL1459 & UL1950, EN41003 & EN60950 •
• 3000 Vrms Isolation •
• See Selection Guide for I.C. Cross Reference •
• Standard Operating Temperature : 0°C to 70°C •
• For Extended Operating Temperature : -40°C to +85°C •
(add suffix “E” to end of PCA Part Number: Example; EPR1546E)
Schematic
E L E C T R O N I C S I N C .
Dimensions
A
B
C
D
E
F
G
H
K
Dim.
Min.
.560
.560
.400
---
.035
---
.405
.028
.125
Max.
.550
.550
.390
.400
.030
.100
.400
.025
.120
Nom.
(Inches)
(millimeters)
13.72
13.72
9.65
---
.635
---
10.03
.559
2.92
Min.
14.22
14.22
10.16
---
.889
---
10.29
.711
3.18
Max.
13.97
13.97
9.91
10.16
.762
2.54
10.16
.635
3.05
Nom.
.540
.540
.380
---
.025
---
.395
.022
.115
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Turns
Ratio
1.27SC:1
1CS:1
1:1.36CT
1CT:2CT
1:1
1CT:2CT
1CT:3CT:1
1:1.08/1.36
1:1.4CT
1:1/1.26
1:1.58/2
1CT:1.41CT
Cw/w
(pF Max.)
15
15
35
20
20
15
30
20
30
35
20
20
LI
(µH Max.)
.70
.70
.60
.30-.55
.50
.80
.80
.60
1.00
.60
.70
.80
Pri. DCR
(
Ω Max.)
.50
.50
.70
.50
.50
.70
.70
.70
.70
.70
.70
.60
OCL
(mH Min.)
.800
.800
1.20
1.20
1.20
1.20
.600
1.50
1.50
1.50
1.50
1.20
Part
Number
EPR1541
EPR1542
EPR1543
EPR1544
EPR1545
EPR1546
EPR1547
EPR1548
EPR1549
EPR1550
EPR1551
EPR1552
.35
.45
.90
.90
.50
1.10
1.70
.90
.90
1.10
1.20
.80
Sec. DCR
(
Ω Max.)
C
C
D
A
B
A
E
D
D
D
D
A
Schematic
A
1
3
5
10
8
6
PCA
EPR15XX
D.C.
A
B
C
G
H
K
E
D
F
Package
1
2
10
6
4
5
C
B
1
5
10
6
1
3
5
10
6
D
1
2
3
10
8
6
4
5
E
1-5
1-5
10-6
1-5
1-5
1-5
1-3
10-6
10-6
10-6
10-6
10-6
Primary
Pins
Pin 1 ID


Similar Part No. - EPR1547

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1540SE PCA-EPR1540SE Datasheet
23Kb / 1P
T1/CEPT/ISDN-PRI Transformer
EPR1540SE-RC PCA-EPR1540SE-RC Datasheet
23Kb / 1P
T1/CEPT/ISDN-PRI Transformer
More results

Similar Description - EPR1547

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
T1/CEPT Dual Line Interface Transformers
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
T1/CEPT Single Line Interface Transformers
S553-0013-04 BEL-S553-0013-04 Datasheet
69Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
A553-0013-00 BEL-A553-0013-00 Datasheet
118Kb / 2P
T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
logo
PCA ELECTRONICS INC.
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1001 PCA-EPR1001 Datasheet
125Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1026 PCA-EPR1026 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-3855-02 BEL-S553-3855-02_1 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com