Electronic Components Datasheet Search
  English  ▼

X  

MAXQ7665D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXQ7665D
Description  16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7665D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXQ7665D Datasheet HTML 1Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 2Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 3Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 4Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 5Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 6Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 7Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 8Page - Maxim Integrated Products MAXQ7665D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
16-Bit RISC Microcontroller-Based
Smart Data-Acquisition Systems
2
________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDDIO = +5.0V, DVDD = +3.3V, fSYSCLK = 8MHz, VREFDAC = VREFADC = +5V, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DVDD to DGND, AGND, or GNDIO ..........................-0.3V to +4V
DGND to GNDIO or AGND....................................-0.3V to +0.3V
DVDDIO to DGND, AGND, or GNDIO .......................-0.3V to +6V
AVDD to DGND, AGND, or GNDIO...........................-0.3V to +6V
Digital Inputs/Outputs to DGND, AGND, or GNDIO
..............................................................-0.3V to (DVDDIO + 0.3V)
Analog Inputs/Outputs to DGND, AGND, or GNDIO
.................................................................-0.3V to (AVDD + 0.3V)
RESET, XIN, XOUT to DGND, AGND, or GNDIO
.................................................................-0.3V to (DVDD + 0.3V)
Continuous Current into Any Pin.......................................±50mA
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFN (derate 40mW/°C above +70°C) ..........3200mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIRMENTS
Safe mode (RC/2 = 3.8MHz)
2.7
3.3
3.6
DVDD
Normal mode
3.0
3.3
3.6
AVDD
4.75
5.0
5.25
Supply Voltage Range
DVDDIO
4.75
5.0
5.25
V
Shutdown (Note 2)
0.1
10
µA
AVDD Supply Current
IAVDD
All analog functions enabled
6.7
8
mA
ADC enabled, fADC = 1ksps, fSYSCLK =
8MHz
4.2
ADC enabled, fADC = 500ksps, fSYSCLK =
8MHz
1890
DAC enabled (zero scale)
305
Internal temperature sensor enabled
502
Additional current when one or more of the
ADC, DAC, and/or temperature sensor is
enabled (only counted once)
128
µA
Analog Module Subfunction
Incremental Supply Current
PGA enabled
4.5
mA
CPU in stop mode, all peripherals disabled
3
20
µA
High-speed mode (Note 3)
28
DVDD Supply Current
IDVDD
Flash erase or write mode
35
50
mA
DVDD supervisor and brownout monitor
2
HF crystal oscillator
150
DVDD Module Subfunction
Incremental Supply Current
Internal RC oscillator
200
µA
All digital I/Os static at GND or DVDDIO
10
DVDDIO Supply Current
IDVDDIO
(Note 4)
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com