Electronic Components Datasheet Search
  English  ▼

X  

EPT7100G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7100G
Description  Miniature Token Ring Transceiver Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7100G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7100G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Miniature Token Ring Transceiver Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for 120
Ω
• Recommended for UTP or STP Transmission
• Complies with or exceeds IEEE 802.5 Requirements
Schematic
EPT7100G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CST7100G
Rev. Orig
6/25/03
•
Chip & Cable Side Impedance : 120
Ω (Xmit/Rcv) •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk*
(dB Min.)
-40
24
MHz
1-16
MHz
-0.8/-0.8
Xmit/Rcv
24
MHz
-1.7/-1.7
Xmit/Rcv
36
MHz
-10/-10
Xmit/Rcv
1-6
MHz
-16/-16
Xmit/Rcv
6-17
MHz
-16/-16
Xmit/Rcv
20
MHz
Xmit/Rcv
-25/-25
200
MHz
Xmit/Rcv
-20/-20
17-25
MHz
-8/-8
Xmit/Rcv
.500
(12.70)
.035
(.889)
0°-8°
.100
(2.54)
Pad
Layout
.540
(13.72)
.040
(1.02)
.100
(2.54)
.890
(22.61)
.375
(9.53)
PCA
EPT7100G
Date Code
Pin 1
I.D.
.700
(17.78)
.150
(3.81)
.018/.022
(.457/.559)
.100
(2.54)
.010/.020
(.254/.508)
.360/.370
(9.14/9.40)
.008/.013
(.203/.330)
5
MHz
Xmit/Rcv
-20/-20
1-16
MHz
-50
44
MHz
-20/-20
Xmit/Rcv
Receive
Transmit
Filter
1
2
4
3
5
7
8
12
15
16
Filter
14
13
9
10


Similar Part No. - EPT7100G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7101G PCA-EPT7101G Datasheet
155Kb / 1P
Token Ring / Fiber Application Filter Module
More results

Similar Description - EPT7100G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7045GM PCA-EPT7045GM Datasheet
70Kb / 2P
Token Ring Transceiver Module
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7061GM PCA-EPT7061GM Datasheet
85Kb / 2P
Miniature Token Ring Transceiver Module
EPT7074G PCA-EPT7074G Datasheet
31Kb / 1P
Token Ring Transceiver Module
EPT7075 PCA-EPT7075 Datasheet
35Kb / 1P
Token Ring Transceiver Module
EPT7076 PCA-EPT7076 Datasheet
39Kb / 2P
Token Ring Transceiver Module
EPT7079GM PCA-EPT7079GM Datasheet
277Kb / 1P
Miniature Token Ring Transceiver Module
EPT7063G PCA-EPT7063G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
EPT7061GM PCA-EPT7061GM_99 Datasheet
286Kb / 2P
Miniature Token Ring Transceiver Module
EPT7084G PCA-EPT7084G_99 Datasheet
49Kb / 1P
Token Ring Transceiver Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com