Electronic Components Datasheet Search
  English  ▼

X  

SC4540EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4540EVB
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4540EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4540EVB Datasheet HTML 3Page - Semtech Corporation SC4540EVB Datasheet HTML 4Page - Semtech Corporation SC4540EVB Datasheet HTML 5Page - Semtech Corporation SC4540EVB Datasheet HTML 6Page - Semtech Corporation SC4540EVB Datasheet HTML 7Page - Semtech Corporation SC4540EVB Datasheet HTML 8Page - Semtech Corporation SC4540EVB Datasheet HTML 9Page - Semtech Corporation SC4540EVB Datasheet HTML 10Page - Semtech Corporation SC4540EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Typical Characteristics (continued)
SC4540
I
OUT
(10mA/div)
PWM Operation at 20kHz and 10% Duty Cycle
2μs/div
V
LX
(20V/div)
V
EN
(5V/div)
I
OUT
(10mA/div)
PWM Operation at 32kHz and 17% Duty Cycle
V
LX
(20V/div)
V
EN
(5V/div)
2μs/div
I
OUT
(10mA/div)
PWM Operation at 50kHz and 20% Duty Cycle
1μs/div
V
LX
(20V/div)
V
EN
(5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com