Electronic Components Datasheet Search
  English  ▼

X  

TF38 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # TF38
Description  CRYSTAL RESONATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

TF38 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  TF38 Datasheet HTML 1Page - Shoulder Electronics Limited. TF38 Datasheet HTML 2Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1. SPECIFICATION
FREQUENCY RANGE
25.000-150.000KHz
LOAD CAPACITANCE
12.5PF TYPICAL
FREQUENCY TOLERANCE AT 25
oC
–/+30PPM MAXIMUM
OPERATING TEMPERATURE RANGE
–10 TO +60
oC
STORAGE TEMPERATURE RANGE
–40 TO +85
oC
EQUIVALENT SERIES RESISTANCE (ESR)
40Kohm MAXIMUM
DRIVE LEVEL
1.0 ìW MAXIMUM
SHUNT CAPACITANCE
1.7PF MAXIMUM
AGING
–/+5PPM PER YEAR
INSULATION RESISTANCE
500Mohm MINIMUM
2. PART NUMBERING SYSTEM
HOLDER
TYPE
FREQUENCY
LOAD
CAPACITANCE
FREQUENCY
TOLERANCE
AT 25
oC
TF38
IN KHz
6 TO 12.5PF
20 FOR
–/+20PPM
OPERATING TEMPERATURE RANGE
B FOR –10 TO +60
oC
12.5PF OF LOAD CAPACITANCE NOT NEEDED IN PART NUMBER
20PPM OF FREQUENCY TOLERANCE NOT NEEDED IN PART NUMBER
–10 TO +60
oC OF OPERATING TEMPERATURE RANGE NOT NEEDED IN PART
NUMBER
3. DIMENSIONS
A
B
C
D
E
8.0
ф3.0
1.1
10.0
ф0.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com