Electronic Components Datasheet Search
  English  ▼

X  

49U Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # 49U
Description  CRYSTAL RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

49U Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  49U Datasheet HTML 1Page - Shoulder Electronics Limited. 49U Datasheet HTML 2Page - Shoulder Electronics Limited. 49U Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1. SPECIFICATION
FREQUENCY RANGE
1.8432-100.000MHz
LOAD CAPACITANCE
10PF TO SERIES
FREQUENCY TOLERANCE AT 25
oC
–/+30PPM MAXIMUM
FREQUENCY STABILITY AT –20 TO +70
oC
–/+30PPM MAXIMUM
OPERATING TEMPERATURE RANGE
–20 TO +70
oC
STORAGE TEMPERATURE RANGE
–40 TO +85
oC
EQUIVALENT SERIES RESISTANCE (ESR)
SEE ESR TABLE
DRIVE LEVEL
1.0 mW MAXIMUM
SHUNT CAPACITANCE
7PF MAXIMUM
AGING
–/+5PPM PER YEAR
INSULATION RESISTANCE
500 MOhm MINIMUM
2. FREQUENCY RANGE AND OSCILLATION MODE
FUNDAMENTAL (F)
THIRD OVERTONE (3OT)
FIFTH OVERTONE (5OT)
1.8432-30.000MHz
24.000-70.000MHz
60.000-100.000MHz
3. PART NUMBERING SYSTEM
HOLDER
TYPE
FREQUENCY
MODE
LOAD
CAPACITANCE
FREQUENCY
TOLERANCE
AT 25
oC
FREQUENCY
STABILITY
AT –20 TO
+70
oC
49U
IN MHz
F
3OT
5OT
10 TO 33PF FOR
PARALLEL
S FOR SERIES
30 FOR
–/+30PPM
30 FOR
–/+30PPM
OPERATING TEMPERATURE RANGE
OPTIONS
A FOR –20 TO +70
oC
3RD
3PIN
SL
SP
T
THIRD LEAD
THREE PIN BASE
PLASTIC SLEEVE
PLASTIC SPACER
TAPE AND REEL
FUNDAMENTAL MODE NOT NEEDED IN PART NUMBER
30PPM OF FREQUENCY TOLERANCE AND FREQUENCY STABILITY NOT NEEDED
IN PART NUMBER
–20 TO +70
oC OF OPERATING TEMPERATURE RANGE NOT NEEDED IN PART
NUMBER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com