Electronic Components Datasheet Search
  English  ▼

X  

ZM309 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # ZM309
Description  CRYSTAL RESONATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZM309 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  ZM309 Datasheet HTML 1Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 2Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 3Page - Shoulder Electronics Limited. ZM309 Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. SCOPE
This specification shall cover the characteristics of crystal unit with
P/N: ZM309-
2. ELECTRICAL SPECIFICATION
ITEM
SPECIFICATION
HOLDER TYPE
12.5X4.6x3.7mm
NOMINAL FREQUENCY
3.579545-27.000MHZ
LOAD CAPACITANCE
12PF
FREQUENCY TOLERANCE (25℃±2℃)
±50PPM
EQUIVALENT SERIES RESISTANCE
70Ω max
DRIVE LEVEL
50μW
OPERATING TEMPERATURE RANGE
-10℃~+60℃
STORAGE TEMPERATURE
-40℃~+85℃
AGING
±5PPM/YEAR
INSULATION RESISTANCE
>500MΩ
3. DIMENSION (Unit: mm)
4. MECHANI
CAL SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com