Electronic Components Datasheet Search
  English  ▼

X  

SMD0705 Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # SMD0705
Description  CRYSTAL RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

SMD0705 Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  SMD0705 Datasheet HTML 1Page - Shoulder Electronics Limited. SMD0705 Datasheet HTML 2Page - Shoulder Electronics Limited. SMD0705 Datasheet HTML 3Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1. SPECIFICATION
FREQUENCY RANGE
10.000-80.000MHz
LOAD CAPACITANCE
10PF TO SERIES
FREQUENCY TOLERANCE AT 25
oC
–/+30PPM MAXIMUM
FREQUENCY STABILITY AT –20 TO +70
oC
–/+30PPM MAXIMUM
OPERATING TEMPERATURE RANGE
–10 TO +60
oC
STORAGE TEMPERATURE RANGE
–40 TO +85
oC
EQUIVALENT SERIES RESISTANCE (ESR)
SEE ESR TABLE
DRIVE LEVEL
1.0 mW MAXIMUM
SHUNT CAPACITANCE
7PF MAXIMUM
AGING
–/+5PPM PER YEAR
INSULATION RESISTANCE
500 MOhm MINIMUM
2. FREQUENCY RANGE AND OSCILLATION MODE
FUNDAMENTAL (F)
THIRD OVERTONE (3OT)
10.000-33.000MHz
33.000-80.000MHz
3. PART NUMBERING SYSTEM
HOLDER
TYPE
FREQUENCY
MODE
LOAD
CAPACITANCE
FREQUENCY
TOLERANCE
AT 25
oC
FREQUENCY
STABILITY
AT –20 TO
+70
oC
SMD0705
IN MHz
F
3OT
10 TO 33PF FOR
PARALLEL
S FOR SERIES
30 FOR
–/+30PPM
30 FOR
30PPM
OPERATING TEMPERATURE RANGE
OPTIONS
B FOR –10 TO +60
oC
T
TAPE AND REEL
FUNDAMENTAL MODE NOT NEEDED IN PART NUMBER
30PPM OF FREQUENCY TOLERANCE AND FREQUENCY STABILITY NOT NEEDED
IN PART NUMBER
–10 TO +60
oC OF OPERATING TEMPERATURE RANGE NOT NEEDED IN PART
NUMBER
TAPE AND REEL NOT NEEDED IN PART NUMBER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com