Electronic Components Datasheet Search
  English  ▼

X  

LTM455CW Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # LTM455CW
Description  CERAMIC FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455CW Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  LTM455CW Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455CW Datasheet HTML 2Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTM 455(450)…W SERIES
Part Number
Center
Frequency
(KHz)
Insertion
Loss
(dB)
PassBand
Ripple
(dB) max
6dB
Bandwidth
(KHz) min
50dB
Bandwidth
(KHz) min
Stop Band Att.
10 KHz
(dB) min
I/O
Impedance
(
)
LTM450BW
450
2.0
4
2
15
30
40
1500
LTM455BW
455
2.0
4
2
15
30
40
1500
LTM450CW
450
2.0
4
2
12.5
24
40
1500
LTM455CW
455
2.0
4
2
12.5
24
40
1500
LTM450DW
450
1.5
4
2
10
20
40
1500
LTM455DW
455
1.5
4
2
10
20
40
1500
LTM450EW
450
1.5
6
2
7.5
15
40
1500
LTM455EW
455
1.5
6
2
7.5
15
40
1500
LTM450FW
450
1.5
6
2
6
12.5
40
2000
LTM455FW
455
1.5
6
2
6
12.5
40
2000
LTM450GW
450
1.5
6
2
4.5
10
40
2000
LTM455GW
455
1.5
6
2
4.5
10
40
2000
LTM450HW
450
1.0
6
2
3
9
40
2000
LTM455HW
455
1.0
6
2
3
9
40
2000
LTM450IW
450
1.0
6
2
2
7.5
40
2000
LTM455IW
455
1.0
6
2
2
7.5
40
2000
LTM450HTW
450
1.0
6
2
3
9
60
2000
LTM455HTW
455
1.0
6
2
3
9
40
2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com