Electronic Components Datasheet Search
  English  ▼

X  

ZTA_MX Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # ZTA_MX
Description  CERAMIC RESONATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZTA_MX Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  ZTA_MX Datasheet HTML 1Page - Shoulder Electronics Limited. ZTA_MX Datasheet HTML 2Page - Shoulder Electronics Limited. ZTA_MX Datasheet HTML 3Page - Shoulder Electronics Limited. ZTA_MX Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. Scope:
The specification is fit for ceramic resonator 13.01-50.00MHz.
2. Model Name:
Model Name
Customer’s part number
Customer’s spec number
ZTA…MX
3. Outside Dimensions:
3-1 Outsider: The mark is clear. The appearance is smooth, non-dirty & non-damage.
3-2 Outsider dimension:
4. Electrical Characteristics:
Characteristics
No.
Item
ZTA…MX
4-1
Oscillate Frequency (MHz)
13.01-50.00
4.2
Frequency Tolerance max
±0.5%
4.3
Resonant Impedance max (
Ω)
40
4.4
Built – in Capacitance (PF)
--
4.5
Insulate Resistance min (M
Ω)
100
4.6
Withstanding Voltage D.C (V)
100
max 5 sec
4.7
Voltage
D.C Voltage max V
Input Voltage max V
6
15Vp-p
4.8
Temp characteristics of Oscillate
frequency max
±0.3%
4.9
Operating Temp Range
-20 ~ +80
4.10
Storage Temp (
)
-55 ~ +85



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com