Electronic Components Datasheet Search
  English  ▼

X  

NMA-2003 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NMA-2003
Description  NMA 2000 NOISE SOURCE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NMA-2003 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NMA-2003 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
N
NM
MA
A 2
20
00
00
0 N
NO
OIIS
SE
E
S
SO
OU
UR
RC
CE
E
S
SEER
RIIE
ES
S
1
10
00
0H
HZZ TTO
O
2
2G
GH
HZZ
6
6..2
20
00
08
8
D
D
D
DEESSC
CR
RIIP
PT
TIIO
ON
N
E
ES
SC
CR
RIIP
PT
TIIO
ON
N
The NMA 2000 Noise
Sources are designed to sim-
ulate a variety of environmen-
tal conditions in sophisticated
radar systems. In addition, it
is often used for testing
industrial and/or military com-
munication systems. The
NMA 2000 offers filtered out-
put which eliminates unwant-
ed noise outside of the speci-
fied frequency range. It also
provides a great deal of tem-
perature stability, which guar-
antees optimum performance
even under constantly-chang-
ing environmental conditions.
S
S
S
SPPEEC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
■ Operating Temperature:
-55 to +95oC
■ Storage Temperature:
-65 to +125oC
■ Supply Voltage:
+15 VDC
■ Temperature Stability:
0.025 dB/oC
■ Output Impedance:
50 ohm
■ Peak Factor: 5:1
A
A
A
APPPPLLIIC
CA
AT
TIIO
ON
NS
S
P
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S
■ Signal simulation in
communication systems
■ Environmental simulation
(hail, rain or wind shear)
in radar systems
■ Built-in self-test for
communication and radar
receivers
■ Security/digital
encryption
M
MO
OD
DE
EL
L**
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y
N
NO
OIIS
SE
E O
OU
UT
TP
PU
UT
T L
LE
EV
VE
EL
L
C
CU
UR
RR
RE
EN
NT
T
F
FL
LA
AT
TN
NE
ES
SS
S
m
mV
V//
µV
V//
=H
Hzz
d
dB
Bm
m//
d
dB
Bm
m//H
Hzz
E
EN
NR
R((d
dB
B))
m
mA
A
B
BA
AN
ND
D
B
BA
AN
ND
D
T
Tyyp
p..
T
Tyyp
p..
NMA-2001 100Hz-100kHz
±1.0dB
10
31.6 -27±3.0%
-77
97.0
12
NMA-2002 100Hz-300kHz
±1.0dB
10
18.2 -27±3.0%
-82
92.2
12
NMA-2003
100Hz-1MHz
±1.0dB
10
10.0 -27±3.0%
-87
87.0
12
NMA-2004
100Hz-3MHz
±1.0dB
10
5.8
-27±3.0%
-92
82.2
12
NMA-2005 100Hz-10MHz
±1.0dB
10
3.2
-27±3.0%
-97
77.0
12
NMA-2006 100Hz-30MHz
±1.0dB
10
1.8
-27±3.0%
-102
72.2
12
NMA-2007 500Hz-100MHz ±1.50dB
10
1.0
-27±3.0%
-107
67.0
25
NMA-2008 500Hz-300MHz ±2.0dB
10
0.57 -27±3.0%
-112
62.2
25
NMA-2009 500Hz-500MHz ±2.0dB
10
0.45 -27±3.0%
-114
60.0
25
NMA-2010 100kHz-1.0GHz ±2.0dB
10
0.32 -27±3.0%
-117
57.0
75
NMA-2011 100kHz-1.5GHz ±2.0dB
10
0.26 -27±3.0%
-119
55.2
75
NMA-2012 100kHz-2.0GHz ±2.0dB
10
0.22 -27±3.0%
-120
54.0
75
*For SMA connectorized package add
S
to Model No.
NMA 2000 OUTPUT CHARACTERISTICS
reference style code D and T for packaging dimensions
email: noise@micronetics.com for more info


Similar Part No. - NMA-2003

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA-2101 MICRONETICS-NMA-2101 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
NMA-2102 MICRONETICS-NMA-2102 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
NMA-2103 MICRONETICS-NMA-2103 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
NMA-2104 MICRONETICS-NMA-2104 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
NMA-2105 MICRONETICS-NMA-2105 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
More results

Similar Description - NMA-2003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5837 NSC-MM5837 Datasheet
53Kb / 2P
Digital Noise Source
MM5437 NSC-MM5437 Datasheet
406Kb / 3P
DIGITAL NOISE SOURCE
logo
Micronetics, Inc.
NS346A MICRONETICS-NS346A Datasheet
431Kb / 3P
CALIBRATED NOISE SOURCE SERIES
CNS7105 MICRONETICS-CNS7105 Datasheet
102Kb / 2P
COAXIAL AMPLIFIED NOISE SOURCE
CNS7106 MICRONETICS-CNS7106 Datasheet
102Kb / 2P
COAXIAL AMPLIFIED NOISE SOURCE
CNS7108 MICRONETICS-CNS7108 Datasheet
99Kb / 2P
COAXIAL AMPLIFIED NOISE SOURCE
NMA-2101 MICRONETICS-NMA-2101 Datasheet
75Kb / 1P
NMA 2100 NOISE SOURCE SERIES
NMA2510 MICRONETICS-NMA2510 Datasheet
137Kb / 1P
NMA 2500 SERIES DUAL BIAS NOISE MODULES
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
212Kb / 2P
SURFACE MOUNT NOISE SOURCE SERIES
NMA-WIFI MICRONETICS-NMA-WIFI Datasheet
418Kb / 1P
NMA WIFI NOISE MODULES 0.5 GHZ TO 6 GHZ
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com