Electronic Components Datasheet Search
  English  ▼

X  

NST18L Datasheet(PDF) 2 Page - Micronetics, Inc.

Part # NST18L
Description  BROADBAND COAXIAL MICROWAVE NOISE SOURCES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NST18L Datasheet(HTML) 2 Page - Micronetics, Inc.

  NST18L Datasheet HTML 1Page - Micronetics, Inc. NST18L Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BROADBAND
COAXIAL MICROWAVE NOISE SOURCES
C
CALIBRATION
ALIBRATION AND
AND
Q
Q UALITY
UALITY
A
ASSURANCE
SSURANCE
::
Each noise source is accurately calibrated using a reference noise source
traceable to NIST/NPL Calibration data consists of calibration points at 1 GHz intervals
across the fullband*. Data is supplied as a print out. Special calibration data can also be
supplied upon request (consult factory).
Standard choices are:
• More calibration points across the spectrum
• Special discrete calibration frequencies
• Data supplied in soft format as screen capture or text file on
floppy or CD-ROM
In addition to the calibration data, a certificate of calibration and a certificate of
conformance is supplied with each unit.
* 100 MHz intervals for the NSL-2
U
USING
SING
N
NOISE
OISE
F
F OR
OR
B
BUILT
UILT
-I
-IN
N
-T
-T EST
EST
::
There are three primary uses for employing a noise signal for built-in-test.
1. Noise Temperature (noise figure) or Sensitivity Testing:
This test uses the
noise source to supply a known excess noise ratio (ENR) to a device under test for a
Y-factor measurement. By taking two receiver readings, one with the noise on and one
with it off, Y-factor can be determined. By knowing the ENR and Y-factor, one can
calculate noise temperature (figure) or sensitivity.
2. Frequency Response:
The noise source being broadband can be used as a
replacement of a swept source to calculate frequency response of a receiver or other
device. By putting in a known spectral signal at the input and taking a reading at the
output, one can determine the gain or loss over frequency of the entire system. Noise
sources are inherently extremely stable devices. In addition, the circuitry is much simpler
than a swept source which increases reliability and lowers cost.
3. Amplitude Reference Source:
The noise source can be used as a known refer-
ence signal. By switching in the noise source from the live signal, a quick test can be
performed to check the health of the chain or calibrate the gain/loss. For this test, noise
can be injected into the IF system to test/calibrate its chain as well as the RF.
For more information on using noise for built-in-test, read the Feb 2004 Microwave
Journal article authored by Patrick Robbins of Micronetics.
http://www.micronetics.com/articles/microwave_journal_02-04.pdf
U
USEFUL
SEFUL
N
NOISE
OISE
E
EQUATIONS
QUATIONS
Calculating Y-Factor:
YFact = N2 / N1 Where N2 is measured power output with noise
source on and N1 is the measured power output with noise source off.
Calculating Noise figure from ENR and Y-factor:
NF(dB) = ENR (dB) - 10 log10 (YFact -1)
Converting ENR to Noise spectral density (N
0):
0 dB ENR = -174 dBm/Hz
Calculating noise power in a given bandwidth (BW) from noise spectral density:
Power (dBm) = N0 + 10log(BW)
H
HOW
OW
T
TO
O
O
O RDER
RDER
::
N S X X X X - X
Model
Bias Voltage
A = +28V
B = +15V
http://www.mwireless.com/Noise_Source/Microwave_Broadband.pdf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com