Electronic Components Datasheet Search
  English  ▼

X  

NFP1003 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # NFP1003
Description  HERMETIC MICROWAVE SURFACE MOUNT NOISE SOURCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

NFP1003 Datasheet(HTML) 1 Page - Micronetics, Inc.

  NFP1003 Datasheet HTML 1Page - Micronetics, Inc. NFP1003 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Noise Sources
NFP1003
100 MHz to 3 GHz
Specifications
RF Frequency
100 MHz to 3 GHz
Noise Output
43 - 48 dB (100 MHz - 1 GHz) ENR
41 - 46 dB (1 GHz - 2 GHz) ENR
y ENR
Noise Spectral Density (No)
-134 dBm/Hz Min
VSWR
2.0:1 Max
Bias Voltage
12 to 28 V
Supply Current
50 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
Hermetic SMT
Environmental
Operating Temperature
-40 to 85 °C
Storage Temperature
-54 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - NFP1003

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NFP1003 MICRONETICS-NFP1003 Datasheet
274Kb / 2P
Surface Mount Noise Sources 100 MHz to 3 GHz
More results

Similar Description - NFP1003

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
NX15-XX-Z ATM-NX15-XX-Z Datasheet
72Kb / 1P
OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
logo
Micronetics, Inc.
SMN3110-A2A MICRONETICS-SMN3110-A2A Datasheet
355Kb / 2P
LOW BIAS VOLTAGE SURFACE MOUNT NOISE SOURCE
SMN3018-D1D MICRONETICS-SMN3018-D1D Datasheet
272Kb / 2P
SURFACE MOUNT NOISE SOURCE 200 MHZ TO 6.0 GHZ
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
212Kb / 2P
SURFACE MOUNT NOISE SOURCE SERIES
SMN7114-C2A MICRONETICS-SMN7114-C2A Datasheet
450Kb / 2P
SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7103H MICRONETICS-SMN7103H Datasheet
170Kb / 2P
1/2 INCH SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7105 MICRONETICS-SMN7105 Datasheet
602Kb / 3P
SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7106 MICRONETICS-SMN7106 Datasheet
601Kb / 3P
SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7108 MICRONETICS-SMN7108 Datasheet
444Kb / 3P
1/2 INCH SURFACE MOUNT AMPLIFIED NOISE SOURCE
SMN7109 MICRONETICS-SMN7109 Datasheet
162Kb / 3P
1/2 INCH SURFACE MOUNT AMPLIFIED NOISE SOURCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com