Electronic Components Datasheet Search
  English  ▼

X  

F25L08PA Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08PA
Description  3V Only 8 Mbit Serial Flash Memory with Dual
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08PA Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L08PA Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25L08PA Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ESMT
F25L08PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.7
21/32
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the devices as
F25L08PA and manufacturer as ESMT. This command is
backward compatible to all ESMT SPI devices and should be
used as default device identification when multiple versions of
ESMT SPI devices are used in one design. The device
information can be read from executing an 8-bit command, 90H,
followed by address bits [A23 -A0]. Following the Read-ID
instruction, the manufacturer’s ID is located in address 00000H
and the device ID is located in address 00001H.
Once the device is in Read-ID mode, the manufacturer’s and
device ID output data toggles between address 00000H and
00001H until terminated by a low to high transition on CE .
Figure 23: Read-ID Sequence
Table 8: Product ID Data
Address
Byte1
Byte2
8CH
13H
00000H
Manufacturer’s ID
Device ID
ESMT F25L08PA
13H
8CH
00001H
Device ID
ESMT F25L08PA
Manufacturer’s ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com