Electronic Components Datasheet Search
  English  ▼

X  

F25L16PA Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L16PA
Description  3V Only 16 Mbit Serial Flash Memory with Dual
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L16PA Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L16PA Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25L16PA Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ESMT
F25L16PA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2009
Revision: 1.4
21/33
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as
F25L16PA and the manufacturer as ESMT. The device
information can be read from executing the 8-bit command, 9FH.
Following
the
JEDEC
Read-ID
instruction,
the
8-bit
manufacturer’s ID, 8CH, is output from the device. After that, a
16-bit device ID is shifted out on the SO pin. Byte1, 8CH,
identifies the manufacturer as ESMT. Byte2, 20H, identifies the
memory type as SPI Flash. Byte3, 15H, identifies the device as
F25L16PA. The instruction sequence is shown in Figure 19.
The JEDEC Read ID instruction is terminated by a low to high
transition on CE at any time during data output. If no other
command is issued after executing the JEDEC Read-ID
instruction, issue a 00H (NOP) command before going into
Standby Mode ( CE =VIH).
Figure 19: JEDEC Read ID Sequence
Table 7: JEDEC Read-ID Data
Device ID
Manufacturer’s ID
(Byte 1)
Memory Type
(Byte 2)
Memory Capacity
(Byte 3)
8CH
20H
15H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com