Electronic Components Datasheet Search
  English  ▼

X  

F25S04PA Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25S04PA
Description  2.5V Only 4 Mbit Serial Flash Memory with Dual Output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25S04PA Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25S04PA Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25S04PA Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ESMT
(Preliminary)
F25S04PA
Elite Semiconductor Memory Technology Inc.
Publication Date: May 2009
Revision: 0.2
21/34
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the devices as F25
S04PA and manufacturer as ESMT. This command is backward
compatible to all ESMT SPI devices and should be used as
default device identification when multiple versions of ESMT SPI
devices are used in one design. The device information can be
read from executing an 8-bit command, 90H, followed by address
bits
[A23 -A0].
Following
the
Read-ID
instruction,
the
manufacturer’s ID is located in address 00000H and the device
ID is located in address 00001H.
Once the device is in Read-ID mode, the manufacturer’s and
device ID output data toggles between address 00000H and
00001H until terminated by a low to high transition on CE .
Figure 19: Read-ID Sequence
Table 8: Product ID Data
Address
Byte1
Byte2
8CH
12H
00000H
Manufacturer’s ID
Device ID
ESMT F25S04PA
12H
8CH
00001H
Device ID
ESMT F25S04PA
Manufacturer’s ID
CE
SCK
SI
01 23 45 67 8
15 16
23 24
31 32
39 40
47 48
55 56
63
MSB
MSB
HIGH IMPENANCE
SO
90
00
00
ADD
1
MODE3
MODE0
Note: The Manufacture’s and Device ID output stream i s continuous until terminated by a low to high transition on CE.
1. 00H will output the Manufacture’s ID first and 01H will output Device ID first before toggling between the two. .
HIGH
IMPENANCE
8C
8C
12
12
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com