Electronic Components Datasheet Search
  English  ▼

X  

MJ13331 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ13331
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ13331 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ13331 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ13331 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ13331
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=100mA ; IB=0
250
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1.5A
IC= 10A; IB= 1.8A,TC=100℃
1.5
2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 20A; IB= 5A
3.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 1.5A
IC= 10A; IB= 1.8A,TC=100℃
1.8
1.8
V
ICEV
Collector Cutoff Current
VCEV=450V;VBE(off)=1.5V
VCEV=450V;VBE(off)=1.5V;TC=150℃
0.25
5.0
mA
ICER
Collector Cutoff Current
VCE= 450V; RBE= 50Ω,TC= 100℃
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
0.5
mA
hFE-1
DC Current Gain
IC= 5A ; VCE= 5V
15
75
hFE-2
DC Current Gain
IC= 10A ; VCE= 5V
8
fT
Current Gain-Bandwidth Product
IC= 0.3A ;VCE= 10V; ftest=1MHz
5
40
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=100kHz
100
400
pF
Switching times;Resistive Load
td
Delay Time
0.08
0.2
μs
tr
Rise Time
0.55
1.0
μs
ts
Storage Time
0.7
3.5
μs
tf
Fall Time
IC= 10A , VCC= 175V; IB1= 1.5A
VBE(off)= 5V; tp= 50μs;
Duty Cycle≤2.0%
0.11
0.7
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com