Electronic Components Datasheet Search
  English  ▼

X  

MJ15011 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ15011
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ15011 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ15011 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ15011 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJ15011
DESCRIPTION
·Excellent Safe Operating Area
·DC Current Gain-
: hFE= 20(Min.)@IC = 2A
·Collector-Emitter Saturation Voltage-
: VCE(sat)= 2.5V(Max)@ IC = 4A
·Complement to Type MJ15012
APPLICATIONS
·Designed for high power audio, disk head positioners , and
other linear applications.
These devices can also be used
in power switching circuits such as relay or solenoid drivers,
DC-DC converters or inverters.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO(SUS)
Collector-Emitter Voltage
250
V
VCEX
Collector-Emitter Voltage
250
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current-Continuous
2
A
IBM
Base Current-Peak
5
A
IE
Emitter Current-Continuous
-12
A
IEM
Emitter Current-Peak
-20
A
PD
Total Power Dissipation@TC=25℃
200
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJ15011

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJ15011 ONSEMI-MJ15011 Datasheet
61Kb / 4P
Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
logo
New Jersey Semi-Conduct...
MJ15011 NJSEMI-MJ15011 Datasheet
111Kb / 3P
Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ15011G ONSEMI-MJ15011G Datasheet
61Kb / 4P
Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
More results

Similar Description - MJ15011

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com