Electronic Components Datasheet Search
  English  ▼

X  

MJ15012 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ15012
Description  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ15012 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ15012 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ15012 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
MJ15012
DESCRIPTION
·Excellent Safe Operating Area
·DC Current Gain-
: hFE= 20(Min.)@IC = -2A
·Collector-Emitter Saturation Voltage-
: VCE(sat)= -2.5V(Max)@ IC = -4A
·Complement to Type MJ15011
APPLICATIONS
·Designed for high power audio, disk head positioners , and
other linear applications.
These devices can also be used
in power switching circuits such as relay or solenoid drivers,
DC-DC converters or inverters.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEO(SUS)
Collector-Emitter Voltage
-250
V
VCEX
Collector-Emitter Voltage
-250
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Peak
-15
A
IB
B
Base Current-Continuous
-2
A
IBM
Base Current-Peak
-5
A
IE
Emitter Current-Continuous
12
A
IEM
Emitter Current-Peak
20
A
PD
Total Power Dissipation@TC=25℃
200
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJ15012

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15012 MOTOROLA-MJ15012 Datasheet
129Kb / 4P
10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
logo
ON Semiconductor
MJ15012 ONSEMI-MJ15012 Datasheet
61Kb / 4P
Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
logo
New Jersey Semi-Conduct...
MJ15012 NJSEMI-MJ15012 Datasheet
111Kb / 3P
Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ15012G ONSEMI-MJ15012G Datasheet
61Kb / 4P
Complementary Silicon Power Transistors
December, 2005 ??Rev. 3
More results

Similar Description - MJ15012

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com