Electronic Components Datasheet Search
  English  ▼

X  

CS3001 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS3001
Description  Precision Low-voltage Amplifier; DC to 2 kHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3001 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS3001 Datasheet HTML 8Page - Cirrus Logic CS3001 Datasheet HTML 9Page - Cirrus Logic CS3001 Datasheet HTML 10Page - Cirrus Logic CS3001 Datasheet HTML 11Page - Cirrus Logic CS3001 Datasheet HTML 12Page - Cirrus Logic CS3001 Datasheet HTML 13Page - Cirrus Logic CS3001 Datasheet HTML 14Page - Cirrus Logic CS3001 Datasheet HTML 15Page - Cirrus Logic CS3001 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS3001
CS3002
12
DS490F9
3.2.2
Gain Calculations Summary and
Recommendations
Condition #1: |Av|
≤ 50 and R1 ≤ 100 Ω
The Opamp is inherently stable for |Av|
≤ 50 and
R1
≤ 100 Ω . No C2 compensation capacitor across
R2 is required.
•
|Av| = 1 configuration has 70° phase margin
and 20 dB gain margin.
•
|Av| = 50 configuration has phase margin be-
tween 40° for CLOAD ≤ 100 pF and 60° for
CLOAD = 0pF.
Condition #2: |Av|
≤ 50 and R1 > 100 Ω
Compensation capacitor C2 across R2 is required.
Calculate C2 using the following formula:
•C2
≥ (R1 • C
in) / R2, where Cin = 50 pF
Condition #3: |Av|
> 50
Compensation capacitor C2 across R2 is required.
Calculate and verify a value for C2 using the fol-
lowing steps.
Calculate the Compensation Capacitor Value:
1) Calculate a value for C2 using the following
formula:
C2
=1/ [2π (R1||R2) • P1], where P1 = 1 MHz
To simplify the calculation, set the pole of the filter
to P1 = 1 MHz. P1 must be set higher than the
opamp’s internal 50 kHz crossover frequency.
2) Calculate a second value for C2 using the fol-
lowing formula:
C2
≥ (R1 • C
in) / R2, where Cin = 50 pF
3) Use the larger of the two values calculated in
steps 1 & 2.
Verify the Opamp Compensation:
Verify the opamp compensation using the open-
loop gain and phase response Bode plot in
Figure 15. Plot the calculated closed loop gain
transfer function and verify the following design
criteria are met:
•
Pole P1 > opamp internal 50 kHz crossover fre-
quency
-
P1=1/[2
π (R1||R2) • C2], where P1 = 1 MHz
-
To simplify the calculation, set the pole to
P1 = 1 MHz.
•
Z1 < opamp internal 50 kHz crossover frequency
-
Z1=1/(2
π R2 • C2)
•
Gain margin above the open-loop gain transfer
function is required. A gain margin of +20 dB
above the open loop gain transfer function is
optimal.
3.3
Powerdown (PDWN)
The CS3001 single amplifier provides a power-
down function on pin 1. If this pin is left open the
amplifier will operate normally. If the powerdown
is asserted low, the amplifier will go into a low
power state. There is a pull-up resistor (approxi-
mately 800 k
Ω) inside the amplifier from pin 1 to
the V+ supply. The current through this pull-up re-
sistor is the main source of current drain in the
powerdown state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com