Electronic Components Datasheet Search
  English  ▼

X  

CS3002-ISZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3002-ISZ
Description  Precision Low-voltage Amplifier; DC to 2 kHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002-ISZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3002-ISZ Datasheet HTML 7Page - Cirrus Logic CS3002-ISZ Datasheet HTML 8Page - Cirrus Logic CS3002-ISZ Datasheet HTML 9Page - Cirrus Logic CS3002-ISZ Datasheet HTML 10Page - Cirrus Logic CS3002-ISZ Datasheet HTML 11Page - Cirrus Logic CS3002-ISZ Datasheet HTML 12Page - Cirrus Logic CS3002-ISZ Datasheet HTML 13Page - Cirrus Logic CS3002-ISZ Datasheet HTML 14Page - Cirrus Logic CS3002-ISZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS3001
CS3002
DS490F9
11
The loop gain plot shown in Figure 18 illustrates
the unity gain configuration, and indicates how this
is modified when using the amplifier in a higher
gain configuration with compensation. If it is con-
figured for higher gain, for example, 60 dB, the
x–axis will move up by 60 dB (line B). Capacitor
C2 adds a zero and a pole. The modified plot indi-
cates the effects of introducing the pole and zero
due to capacitor C2. The pole can be located at any
frequency higher than the hand-over frequency, the
zero has to be at a frequency lower than the hand-
over frequency so as to provide adequate gain mar-
gin. The separation between the pole and the zero
is governed by the closed loop gain. The zero (z1)
occurs at the intersection of the –100 dB/decade
and –80 dB/decade slopes. The point X in the fig-
ure should be at closed loop gain plus 20 dB gain
margin. The value for C2 = 1/(2
π R1 P1). Setting
the pole of the filter to P1 = 1 MHz works very well
and is independent of gain. As the closed loop gain
is changed, the zero location is also modified if R1
remains fixed. Capacitor C2 can be increased in
value to limit the amplifier’s rising noise above
2kHz.
-100 dB/dec
-80 dB/dec
z
1
p
1
Margin
-20 dB/dec
50kHz
1MHz
5MHz
Desired Closed
Loop Gain
X
FREQUENCY
B
Figure 18. Loop Gain Plot: Unity Gain and with Pole-zero Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com