Electronic Components Datasheet Search
  English  ▼

X  

CS5374 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 11Page - Cirrus Logic CS5374 Datasheet HTML 12Page - Cirrus Logic CS5374 Datasheet HTML 13Page - Cirrus Logic CS5374 Datasheet HTML 14Page - Cirrus Logic CS5374 Datasheet HTML 15Page - Cirrus Logic CS5374 Datasheet HTML 16Page - Cirrus Logic CS5374 Datasheet HTML 17Page - Cirrus Logic CS5374 Datasheet HTML 18Page - Cirrus Logic CS5374 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
15
Figure 11. CS5374 Connection Diagram
A
INA1+
INA1-
MUX1
MUX2
INB1-
INB1+
GUARD1
+
-
-
+
INB2+
INB2-
INA2-
INA2+
+
-
-
+
Reset, Clock, and
Synchronization
INR1-
VA+
MFLAG1
MDATA1
MCLK
MSYNC
MFLAG2
MDATA2
GUARD2
INR2-
INR2+
4th Order
ΔΣ Modulator
4th Order
ΔΣ Modulator
INF1-
INF1+
INR1+
RST
SPITM Serial
Communications
Interface
SDI
SDO
SCLK
CS
INF2+
INF2-
OUT2-
OUT2+
OUT1+
OUT1-
CS5374
VA-
GND
VD+
VREF-
VREF+
VA+
VA-
Hydrophone
Sensor
Hydrophone
Sensor
VA-
0.1
VA+
0.1 μF
μF
Test
DAC
CS4373A
0.02
C0G
0.02
C0G
680
680
680
680
μF
μ
Ω
Ω
Ω
Ω
F
0.02
C0G
0.02
C0G
680
680
680
680
μF
μ
Ω
Ω
Ω
F
Ω
VA-
0.1
VA+
0.1μF
μF
0.01μF
2.5V
Precision
Voltage
Reference
To CS5376A
Digital Control
Figure 12. CS5374 to CS5376A Digital Interface
Reset, Clock, and
Synchronization
MFLAG1
MDATA1
MCLK
MSYNC
MFLAG2
MDATA2
4
th Order
ΔΣ Modulator
4
th Order
ΔΣ Modulator
RST
SPITM Serial
Communications
Interface
SDI
SDO
SCLK
CS
CS5374
MSYNC
MCLK
Clock and
Synchronization
Modulator Data
Interface
SPI 2
Serial Peripheral
Interface2
RESET
MFLAG1
MDATA1
MFLAG2
MDATA2
SI1
SO
SCK2
CS0
CS5376A
EXTERNAL RESET
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com