| Electronic Components Datasheet Search |
|
CS495314-CVZ Datasheet(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS495314-CVZ Datasheet(HTML) 35 Page - Cirrus Logic |
|
35 / 36 page ![]() CS4953xx Data Sheet 32-bit Audio Decoder DSP Family DS705PP5 Copyright 2009 Cirrus Logic 35 10. Revision History Revision Date Changes A1 FEB 2006 Advance release. A2 JUN 2006 Updated part numbers for ordering (Tables 5 & 6), Updated VOH and VOL specification to include the current load used for testing A3 JUL 2006 Updated part numbers for ordering (Tables 5 &6). Updated text in sections 3 and 4. Updated parameter descriptions in sections 5.1 and 5.3. Updated Tspickl, Tspickh, and Tspidov timing. Corrected Figure SPI Master Timing to use EE_CS. Added foot- note to XTI table. Removed SCLK/LRCLK relative timing from DAI port timing. Removed SCLK/LRCLK slave relative timing from DAO port timing. A4 OCT 2007 Updated the Tspidsu, Tspickl, and Tspickh timing parameters for master mode SPI. This applies to both SPI ports. PP1 May 28, 2008 Updated product feature list in Table 2. Updated Figure 19 and Figure 21. PP2 June 20, 2008 Added typical crystal frequency values in Table Footnote 1 and Max and Min values of Fxtalin Section 5.8. Removed DSD Phase Modulation Mode from Section 5.18 . Removed reference to MCLK in Section 5.18. Redefined Master mode clock speed for SCP_CLK in Section 5.11. Redefined DC leakage characterization data in Section 5.3, correcting units of measurement. Modified Footnote 1 under Section 5.10. PP3 September 24, 2008 Removed references to External Parallel Flash / SRAM Interface. PP4 June 9, 2009 Updated product number references in Section 5.9, Section 6. , Section 7., Table 2, .Table 3, and Table 4. For all Active Low pins, changed Active Low pin designation from “#” character after the pin name to a line over the pin name as in “EE_CS”. Removed Active Low designation from the BDI_REQ pin in the 128-pin pinout drawings in Figure 19 and Figure 20, and in the 144-pin pinout drawings in Figure 21and Figure 22. Updated the pin names referred to in the timing diagrams in Figure 9, Figure 10, Figure 17, and Figure 18. Updated the parameters in Section 5.16. PP5 July 29, 2009 Updated Figure 19, Figure 20, Figure 21. Removed CS495314-CQZ and CS495314-CQZR from Table 5 and Table 6. Added recommendation that CS4953x4 family be used with new designs. Updated Section 2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |