Electronic Components Datasheet Search
  English  ▼

X  

CDB8422 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB8422 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB8422 Datasheet HTML 31Page - Cirrus Logic CDB8422 Datasheet HTML 32Page - Cirrus Logic CDB8422 Datasheet HTML 33Page - Cirrus Logic CDB8422 Datasheet HTML 34Page - Cirrus Logic CDB8422 Datasheet HTML 35Page - Cirrus Logic CDB8422 Datasheet HTML 36Page - Cirrus Logic CDB8422 Datasheet HTML 37Page - Cirrus Logic CDB8422 Datasheet HTML 38Page - Cirrus Logic CDB8422 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
DS692PP2
35
CS8422
made available to qualify the C and U data output. In serial port slave mode, VLRCK and RCBL can be
made available to qualify the C and U data output. VLRCK is a virtual word clock, equal to the receiver
recovered sample rate, that can be used to frame the C/U output. VLRCK and RCBL are available through
the GPO pins. Figure 19 illustrates timing of the C and U data, and their related signals. To recover serial
C-data or U-data with either OLRCK1 or OLRCK2, the corresponding serial port must be directly sourced
by the AES3 receiver (not the SRC).
To source an SDOUT signal directly from the RX receiver, the receiver should be set in master mode in
order to recover the received data. In this configuration, the SDOUT signal sourced from the receiver will
toggle at the AES frame rate. If the RX receiver is set to slave mode, the user must ensure that its asso-
ciated input OLRCK signal is externally synchronized to the input S/PDIF stream in order to recover the
received data. In both configurations, VLRCK is equal to the OLRCK signal associated with the serial port
used to clock the recovered receiver data.
When both SDOUTs are sourced from the RX receiver, VLRCK will equal OLRCK1. When both SDOUTs
are sourced from the SRC, then VLRCK will equal the recovered AES frame rate, not OLRCK.
The user may also access all of the C and U bits directly from the output data stream (SDOUT) by setting
bits SOFSELx[1:0]=11 (AES3 Direct mode) in “Serial Audio Output Data Format - SDOUT1 (0Ch)” or “Se-
rial Audio Output Data Format - SDOUT2 (0Dh)”. The appropriate bits can be stripped from the SDOUT
signal by external control logic such as a DSP or microcontroller. AES3 Direct mode is only valid if the
serial port in question is directly sourced by the AES3 receiver (not the SRC).
If the incoming User data bits have been encoded as Q-channel subcode, the data is decoded, buffered,
and presented in 10 consecutive register locations located in “Q-Channel Subcode (19h - 22h)” register.
An interrupt may be enabled to indicate the decoding of a new Q-channel block, which may be read
through the “Interrupt Status (14h)” register.
The encoded Channel Status bits which indicate sample word length are decoded according to
AES3-2003 or IEC 60958. The number of auxiliary bits are reported in bits 7 through 4 of the “Receiver
Channel Status (11h)”.
SDOUT1
SDOUT2
VLRCK
COMMENT
RX
RX
OLRCK1
see (Note 4)
RX
SRC
OLRCK1
see (Note 4)
SRC
RX
OLRCK2
see (Note 4)
SRC
SRC
AES FRAMES
see (Note 6)
Table 1. VLRCK Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com