Electronic Components Datasheet Search
  English  ▼

X  

VRE304C Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE304C
Description  Precision Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE304C Datasheet(HTML) 2 Page - Cirrus Logic

  VRE304C Datasheet HTML 1Page - Cirrus Logic VRE304C Datasheet HTML 2Page - Cirrus Logic VRE304C Datasheet HTML 3Page - Cirrus Logic VRE304C Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE304
2
VRE304DS
.ChaRaCTERISTICSaNDSPECIFICaTIONS
ElECTRICalSPECIFICaTIONS
V
PS =±15V, T = +25ºC, RL = 10KΩ Unless Otherwise Noted.
Model
a
C
Parameter
Min
Typ
Max
Min
Typ
Max
units
aBSOluTEMaXIMuMRaTINGS
Power Supply
±13.5
±15
±22
*
*
*
V
Operating Temperature
0
+70
*
*
ºC
Storage Temperature
-65
+150
*
*
ºC
Short Circuit Protection
Continuous
*
OuTPuTVOlTaGE
VRE304
(Note 1)
+4.5
*
V
Temp. Sensor Voltage
630
*
mV
OuTPuTVOlTaGEERRORS
Initial Error
(Note 2)
±0.45
±0.90
mV
Warmup Drift
1
3
ppm
T
MIN - TMAX
(Note3)
0.6
2.0
ppm/ºC
Long-Term Stability
6
*
ppm/1000hrs.
Noise (0.1 - 10Hz)
(Note 4)
3
*
µVpp
OuTPuTCuRRENT
Range
±10
mA
REGulaTION
Line
6
10
*
*
ppm/V
Load
3
*
ppm/mA
OuTPuTaDJuSTMENT
Range
10
*
mV
POWERSuPPlYCuRRENT (Note 5)
VRE304 +PS
5
7
*
*
mA
NOTES:
* Same as A Model.
1. The temp. reference TC is 2.1 mV/ ºC
2. The specified values are without external trim.
3. The temperature coefficient is determined by the box method using the following formula:
4. The specified values are without the external noise reduction capacitor.
5. The specified values are unloaded.
V
NOMINAL x (TMAX – TMIN)
V
MAX – VMIN
T.C. =
x 106



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com