Electronic Components Datasheet Search
  English  ▼

X  

AMSOP-07ES Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMSOP-07ES
Description  LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-07ES Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMSOP-07ES Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-07ES Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-07ES Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-07ES Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-07ES Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-07ES Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-07
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
1
4
-50
0
50
100
TEMPERATURE (° C)
Input Bias Current vs Temperature
2
3
OP-07C
FREQUENCY (Hz)
0
28
Maximum Output Swing vs
Frequency
16
12
4
100k
1M
1k
10k
8
24
20
0
±10
±15
1000
400
±20
Open-Loop Gain vs Power
Supply Voltage
POWER SUPPLY VOLTAGE (V)
600
200
±5
0
0
0.5
1.5
1.0
2.5
-50
0
50
100
TEMPERATURE (° C)
Input Offset Current vs Temperature
2.0
OP-07E
-40
0
120
0
1
10 100 1k 10k 100k 1M 10M
FREQUENCY (Hz)
Open-Loop Frequency Response
40
80
0
5
20
100
1k
10k
LOAD RESISTANCE TO GROUND (
Ω)
Maximum Output Voltage vs
Load Resistance
10
15
800
050
85
100
Untrimmed Offset Voltage vs
Temperature
TEMPERATURE (° C)
50
25
-50
0
75
15
20
35
01
2
3
4
TIME FROM OUTPUT BEING SHORTED (minutes)
Output Short-Circuit Current vs
Time
25
30
1. V
IN (PIN 3) = -10mV, VO = +15V
V
S = ±15V
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
T
A = 25° C
V
S = ±15V
R
S = 100Ω
V
IN = ±10mV
OP-07E
OP-07C
POSITIVE SWING
NEGATIVE SWING
OP-07C
OP-07E
2. V
IN (PIN 3) = +10mV, VO = -15V
1
1
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com