Electronic Components Datasheet Search
  English  ▼

X  

AMSOP-07D Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMSOP-07D
Description  LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMSOP-07D Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMSOP-07D Datasheet HTML 1Page - Advanced Monolithic Systems AMSOP-07D Datasheet HTML 2Page - Advanced Monolithic Systems AMSOP-07D Datasheet HTML 3Page - Advanced Monolithic Systems AMSOP-07D Datasheet HTML 4Page - Advanced Monolithic Systems AMSOP-07D Datasheet HTML 5Page - Advanced Monolithic Systems AMSOP-07D Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMSOP-07
TEST CIRCUITS
TYPICAL OFFSET VOLTAGE TEST CIRCUIT
TYPICAL LOW-FREQUENCY NOISE TEST CIRCUIT
OPTIONAL OFFSET NULLING CIRCUIT
TYPICAL APPLICATIONS
Adjustment Free Precision Summing Amplifier
Precision Absolute Value Circuit
OP-07
A1
+
-
R3
10k
Ω
FD333
D1
V-
V+
4
6
7
2
3
R4
10k
Ω
FD333
D1
R5
10k
Ω
OP-07
A2
+
-
V-
4
7
2
3
6
V
A
R2
10k
Ω
R1
10k
Ω
V+
E
O
0 TO +10V
E
IN
±10V
OP-07
+
-
R4
10k
Ω
R2
10k
Ω
E
O
V-
V+
R1
10k
Ω
4
6
7
2
3
R3
10k
Ω
E
1
E
2
E
3
R5
2.5k
Ω
OP-07
+
-
V-
4
6
7
2
3
1
8
V+
OUTPUT
-
+
INPUT
20k
Ω
OP-07
+
-
200k
Ω
50k
Ω
V
O
V
OS = VO/4000
OP-07
+
-
2.5M
Ω
100k
Ω
OUTPUT
4.7
µF
V-
V+
100k
Ω
3.3k
Ω
(≈10Hz FILTER)
4
6
7
2
3
INPUT REFERRED NOISE = VO/25,000 =(5mV/cm)/25,000 = 200nV/cm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com