Electronic Components Datasheet Search
  English  ▼

X  

84907K Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 84907K
Description  Programmable Step Attenuators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

84907K Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  84907K Datasheet HTML 1Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 2Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 3Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 4Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 5Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 6Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 7Page - Agilent(Hewlett-Packard) 84907K Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
84904 with a 10 dB step 84906 or
84907 to cover an attenuation range
of 121 dB or 81 dB in 1 dB steps.
Individual calibration data reports of
attenuation and SWR are available.
This data, measured with an Agilent
automatic network analyzer, can be
ordered as Option 8490XX-UK6.
Attenuation switching and control
These units feature the same
small solenoids and switching circuits
as the Agilent Technologies
8494/5/6/7 step attenuator family.
Switching time is a maximum of 20
milli-seconds, including contact set-
tling time. Once switched, the units
are latched with permanent magnets,
capable of withstanding shocks over
10 Gs. The solenoids automatically
disconnect after switching, which
minimizes the attenuators’ power
requirements and simplifies the driv-
er circuit design (figure 3). Solenoids
are available in either 24 volt (stan-
dard, Option 8490xx-024), 15 volt
(Option 8490xx-015), and 5 volt
(Option 8490xx-011) ranges to fit
your instrument or system
requirements.
The units come equipped with 10-pin
DIP headers for connecting dc control
lines. Available accessories include a
203 mm (8 inch) or 406 mm (16 inch)
ribbon cable with DIP-type connectors
that is compatible with standard 14-
pin DIP IC sockets (11764-60002 or
11764-60003, respectively). Altern-
atively, a 1524 mm (5 foot) cable with
free wires for direct soldering (11764-
60001), or a 1524 mm (5 foot) drive
cable that connects to the 11713B/C
attenuator/ switch driver, allowing for
easy integration into GPIB-controlled
automatic test systems (11764-60004),
may be ordered.
Selection switching
Figure 2 shows one attenuator sec-
tion schematic. Each section utilizes
one solenoid with dual coil windings,
one coil to switch in the attenuator
card (e.g. 10 dB) and one coil to
switch in the thru line (0 dB).
Figure 2. Section electrical diagram
With positive voltage applied to the
common pin, the state (attenuator
card or thru line) of a particular sec-
tion is determined by connecting its
attenuator card pin or thru pin to a
negative voltage or ground. Figure 4
defines the pin assignments and wire
color code for the 11764-60001/60002/
60003 drive cables. Table 1 is a sole-
noid drive pin and attenuation guide.
Table 2 (on page 4) defines recom-
mended attenuator section activation.
As a section is switched, the internal
contacts of the activated coil open,
thus shutting off current flow. At the
same time, the internal contacts for
the other coil close so that it can be
activated when desired. Figure 3
shows a section that has been
switched to the attenuator card posi-
tion (note the closed thru line coil
contact). The switching is “break-
before-make” type, thus a momentary
interruption of the RF signal occurs
at switching.
Although all sections can be switched
simultaneously, the attenuator driver
must not allow both pins of the same
section (e.g. Section 1, pins 1 and 2)
to be activated concurrently, or else
that section would cycle rapidly. All
terminals are “floating,” so bipolar or
unipolar power supplies can be used.
Typical
External
Driver
RF Input
Attenuation
Card
To next
Section
RF to
next Section
of Output
RF Connector
Drive Pin
(e.g., pin 6)
Internal
Coil Contacts
Thru Line
Pin
(e.g., pin 5)
LED Indicator Circuit
Switch Driver Circuit
+5V
+5V
+24V
Inverter
LED
TTL Input
Driver
4.22K
Internal
Coil Contacts
0.62K
0.13K
5082-4880
(DM7406N*)
(DM7404N*) IC Relay Driver
B
D
4.22K
Drive
Cable
Thru Line
Drive Pin
To next Section
Attenuator Section
RF
Connector
Drive Pin
RF In
Attenuation Card
RF to next
Section
or Output
Thru Line
0.62K
TTL Output
TTL Indicator Circuit
Inverter
A
(DS75452N*)
(DM7404N*)
*Fairchild Semiconductor
part numbers, also supplied
by other vendors:
NOTE: Additional circuit
design information may
be required from the
component manufacturers.
Figure 3. Driver and indicator circuits for one section of an Agilent 84904, 6, 7 K/L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com