Electronic Components Datasheet Search
  English  ▼

X  

527254JS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527254JS
Description  EMI-RFI Strain-Relief Backshell Assembly for Boeing BACC65 Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527254JS Datasheet(HTML) 1 Page - Glenair, Inc.

  527254JS Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-9
CAGE Code 06324
1.198
(30.4)
Self-Locking
Hardware
.380
(9.7)
.080 (2.0)
.810
(20.6)
M7 x .75
(19.05)
Thread
2.966 (75.3)
.718
(18.2)
.063
(1.6)
.720
(18.3)
Ref
.440
(11.2)
1.198
(30.4)
.718
(18.2)
.619
(15.7)
B
Band
Style B = 45°
Style A = 90°
Style S
527-254
EMI-RFI Strain-Relief Backshell Assembly
for Boeing BACC65 Connector
527 254 M S B
Product Series
Basic Number
Finish (Table I)
B = Band
(Omit for None)
Style A, B or S
Metric dimensions (mm) are indicated in parentheses
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE I: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Symbol
NC
NF
T
U**
ZN
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab


Similar Part No. - 527254JS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527251B02 GLENAIR-527251B02 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B03 GLENAIR-527251B03 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B04 GLENAIR-527251B04 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B31 GLENAIR-527251B31 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527251B33 GLENAIR-527251B33 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
More results

Similar Description - 527254JS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
Solid EMI/RFI Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
Solid EMI/RFI Strain-Relief Backshell
527238B GLENAIR-527238B Datasheet
132Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527243B GLENAIR-527243B Datasheet
48Kb / 1P
EMI/RFI Strain-Relief Backshell Assembly for Radiall EPX2 Non-Environmental Connector
527251B02 GLENAIR-527251B02 Datasheet
121Kb / 1P
EMI-RFI Banding Backshell Assembly for Boeing BACC65 Connector
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527260BA GLENAIR-527260BA Datasheet
144Kb / 2P
EMI/RFI Qwik-Ty Elliptical Banding Backshell for Boeing BACC65 Connector
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
EMI/RFI Strain-Relief Backshell
527-056 GLENAIR-527-056 Datasheet
56Kb / 2P
EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
EMI/RFI Strain Relief Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com