Electronic Components Datasheet Search
  English  ▼

X  

527260JS Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527260JS
Description  EMI/RFI Qwik-Ty Elliptical Banding Backshell for Boeing BACC65 Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527260JS Datasheet(HTML) 2 Page - Glenair, Inc.

  527260JS Datasheet HTML 1Page - Glenair, Inc. 527260JS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-12
CAGE Code 06324
B
Micro Band
(600-057-1)
Style B = 45°
Style A = 90°
.650
(16.5)
.059 (1.5) Ref
11
For Port Y Only
8
5
7
6
4
3
10
2
1
12
Knurl Mfr Option
Qwik-Ty® Arm will not be
split in any position
For Port X Only 9
Y
X
527-260
EMI/RFI Qwik-Ty®
45° & 90° Elliptical Banding Backshell
for Boeing BACC65 Connector
Metric dimensions (mm) are indicated in parentheses
527 260 ME B 6 A 6 B
Product Series
Basic Number
Finish (Table II)
ME = Electroless Nickel
Port ”X”
Style A, B, S
B = Micro Band, 2 each
(Omit for None)
Qwik-Ty® Position, Style A & B Only
Port “Y”, Style A, B, S
Qwik-Ty® Position, Style A & B Only
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Oilive Drab over
Electroless Nickel
TABLE II: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Symbol
NC
NF
T
U**
ZN
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com