Electronic Components Datasheet Search
  English  ▼

X  

527277MP2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527277MP2
Description  Feed Through Backshell Assembly & Adapters for Size 2 ARINC 600 Series Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527277MP2 Datasheet(HTML) 2 Page - Glenair, Inc.

  527277MP2 Datasheet HTML 1Page - Glenair, Inc. 527277MP2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-15
CAGE Code 06324
1 1/16-18 UNEF-2A Typ
.188 (4.8) Typ
.300
(7.6)
C
Across
Points Typ
D
Hex Stock
Typ
.800
(20.3)
A
Cable
Entry
B
527-277
Feed Through Backshell Assembly & Adapters
for Size 2 ARINC 600 Series Connectors
687-488
EMI/RFI Adapter and Cap
for 527-277 Feed Through Backshell (See Opposite Page & Above)
NOTES:
1. Metric dimensions (mm) are indicated in parentheses.
2. ARINC 600 Series Connector Backshells are designed to
replace the insert retainer plates. Due to non-standard
modifications by the connector manufacturer, the backshell
may require special design alterations to mate properly.
Prior to ordering, consult factory with connector
partnumbers not shown in the Part Number Development to
ensure a proper fit.
687-488 NF 03 D
Product Series
Basic Number
Finish
(See Table I Above)
Termination Style
D = 2-Ring Termination for Individual or
Overall Braid
Dash No. (Table II)
B
Max
––
.844 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
TABLE II: CAP & ADAPTER DIMENSIONS & CABLE ENTRY
C
Ref
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.375 (34.9)
1.620 (41.1)
Dash
No.
00
03
04
06
08
10
12
16
A
Max
––
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
D
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.125 (28.6)
1.250 (31.8)
1.500 (38.1)
Style
I
II
II
II
II
II
II
II
Min
––
.157
(4.0)
.187
(4.7)
.281
(7.1)
.344
(8.7)
.375
(9.5)
.438 (11.1)
.562 (14.3)
Max
––
.250
(6.4)
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
Cable Range
Metric dimensions (mm) are indicated in parentheses.
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE II: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
Symbol
NC
NF
T
U**
ZN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com