Electronic Components Datasheet Search
  English  ▼

X  

610AS014 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 610AS014
Description  E-Nut Backshell
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

610AS014 Datasheet(HTML) 1 Page - Glenair, Inc.

  610AS014 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-96
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
610-014
E-Nut Backshell
for Connector Designators A, F, L, S & H
Connector Designator
A, F, H, L and S
Angular
Function
S - Straight
610 A S 014 XB 22
Dash Number
(See Table II)
Product Series
610 - E Nut
Basic Part
Number
Finish Symbol
(See Table III)
TABLE II: DASH NUMBER
Shell Size
B
Max
C Diameter
Ref.
A, F, L, S
H
03
--
.702 (17.3)
.270 (6.9)
08
09
.640 (16.3)
.270 (6.9)
10
11
.765 (19.4)
.375 (9.5)
12
13
.890 (22.6)
.511 (13.0)
14
15
1.015 (25.8)
.585 (14.9)
16
17
1.140 (29.0)
.710 (18.0)
18
19
1.265 (32.1)
.789 (20.0)
20
21
1.390 (35.3)
.914 (23.2)
22
23
1.454 (36.9)
1.039 (26.4)
24
25
1.594 (40.5)
1.154 (29.3)
61
--
1.640 (41.7)
1.194 (30.3)
TABLE III: FINISH
Symbol
Finish Description
XB
No Plating - Black Color
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
S PATT 105 / 603 / 608
.710 (18.0)
Max
Flutes or Knurl
Mfr's Option
B
C
NOTES
Metric dimensions (mm) are in parenthesis and are
1.
for reference only.
See Table I in Intro for front-end dimensional details.
2.


Similar Part No. - 610AS014

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
610AS011 GLENAIR-610AS011 Datasheet
22Kb / 1P
Rotatable Coupling "E" Nut
610AS012 GLENAIR-610AS012 Datasheet
22Kb / 1P
Direct Coupling "E" Nut
More results

Similar Description - 610AS014

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
610AS011 GLENAIR-610AS011 Datasheet
22Kb / 1P
Rotatable Coupling "E" Nut
610AS012 GLENAIR-610AS012 Datasheet
22Kb / 1P
Direct Coupling "E" Nut
IPT07E18-11SZC GLENAIR-IPT07E18-11SZC Datasheet
227Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector with Backshell
IPT07E18-11SZCSR GLENAIR-IPT07E18-11SZCSR Datasheet
231Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector and Backshell
IPT07MSE18-11SZ GLENAIR-IPT07MSE18-11SZ Datasheet
222Kb / 2P
Rear Panel Mount Jam Nut Receptacle with Backshell
IPT07SE18-11SZ GLENAIR-IPT07SE18-11SZ Datasheet
219Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector with Backshell
IPT07SE18-11SZSR GLENAIR-IPT07SE18-11SZSR Datasheet
222Kb / 2P
Rear Panel Mount Jam Nut Receptacle Connector and Backshell
logo
PHOENIX CONTACT
1409362 PHOENIX-1409362 Datasheet
201Kb / 2P
Flat nut - SACC-E-MU-M12
1539143 PHOENIX-1539143 Datasheet
62Kb / 3P
Flat nut - SACC-E-MU-PG13,5
09/11/2020
1504084 PHOENIX-1504084 Datasheet
236Kb / 6P
SACC-E-MU-PG9 - Flat nut
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com