Electronic Components Datasheet Search
  English  ▼

X  

6006 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6006
Description  SINGLE POLE, SINGLE THROW DROP-IN MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6006 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6006 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
DESCRIPTION
Small, versatile, general pur-
pose switches often used as
building blocks in multi-
switch networks. Each drop-
in module is designed for easy
integration into a microstrip
sub-assembly at frequency
ranges up to 18 GHz, and all
are easily cascaded for the
purpose of creating multi-
throw switches. Hermetic,
military/industrial design.
CONNECTORS
s Pin
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125 C
s Storage Temperature:
-65 to +150 C
s Impedance:
50 ohm
s Control:
Analog
APPLICATIONS
s Radar Warning Receivers
(RWR)
s Electronic Warfare (EW)
s High speed digital radios
s Switch matrices
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
6005
SPST N
9-10
1.2
40
1.5:1
1000
25
Analog
6006
SPST R
1-14
1.0
30
1.8:1
50
20
Analog
6007
SPST R
.5-4
0.8
50
1.5:1
50
20
Analog
ELECTRICAL CHARACTERISTICS
SINGLE POLE, SINGLE THROW
DROP-IN MODULES
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6006 ETC2-6006 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
6006 ETC2-6006 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
6006 ETC2-6006 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6006 3M-6006 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
6006 HEYCO-6006 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
More results

Similar Description - 6006

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
Micronetics, Inc.
6008 MICRONETICS-6008 Datasheet
34Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES WITH DRIVERS
6011 MICRONETICS-6011 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
6053 MICRONETICS-6053 Datasheet
33Kb / 1P
SINGLE POLE, THREE THROW DROP-IN MODULES
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
logo
Qorvo, Inc
QM13344 QORVO-QM13344 Datasheet
413Kb / 5P
4xSPST (Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com