Electronic Components Datasheet Search
  English  ▼

X  

6008 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6008
Description  SINGLE POLE, SINGLE THROW DROP-IN MODULES WITH DRIVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6008 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6008 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, SINGLE THROW
DROP-IN MODULES WITH DRIVERS
4
DESCRIPTION
High performance, low dis-
tortion switches ideal for use
in sensitive receivers where
high speed and low video
feed-through are required.
These drop-in modules elimi-
nate some of the problems
associated with GaAs FET
switches, such as spurious
noise and inconsistent rise
and fall times. They are also
designed to protect low noise
amplifiers. The switch and
driver are extremely compact,
making these modules ideal
for applications where space
is at a premium. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#6008)
s Video feed-through:
10 mV peak
CONNECTORS
s Pin
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Satellite receivers
s Electronic Intelligence
(ELINT)
s Tracking radar
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6008
SPST N
.025-.035
4.0
90
1.5:1
1
10
+5, -5
6009
SPST N
.005 -.5
7.0
60
1.5:1
2
10
+5, -5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6008 ETC2-6008 Datasheet
158Kb / 1P
THE BREAD BOARDING MEDIUM FOR SURFACE MOUNT
6008 ETC2-6008 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
LEMO Connectors
60080 LEMO-60080 Datasheet
89Kb / 4P
B - Indoor keyed
60080 LEMO-60080 Datasheet
100Kb / 4P
B - Indoor keyed
60080 LEMO-60080 Datasheet
129Kb / 5P
B - Indoor keyed
More results

Similar Description - 6008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
6011 MICRONETICS-6011 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
6053 MICRONETICS-6053 Datasheet
33Kb / 1P
SINGLE POLE, THREE THROW DROP-IN MODULES
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
Single-pole single-throw analog switch
logo
Qorvo, Inc
QM13344 QORVO-QM13344 Datasheet
413Kb / 5P
4xSPST (Single-Pole-Single-Throw Switch)
logo
Nexperia B.V. All right...
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com