Electronic Components Datasheet Search
  English  ▼

X  

6024 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6024
Description  SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6024 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6024 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, SINGLE THROW
CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6
DESCRIPTION
Wideband switches optimized
for fast switching speed
and/or low video feed-
through. Each one is
designed for use in highly
integrated sub-systems where
flex-cable and/or impedance
control of digital lines is
required. In addition, the
nine-pin micro-D connector
easily integrates to control
logic without the need for sol-
dered connections. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#6023)
s Video feed-through:
-60 dBm
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125 C
s Storage Temperature:
-65 to +150 C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar simulation
s Microwave pulse modulator
s Radar stimulator
s Mass spectrometers
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6023
SPST N
1-18
3.5
60
2.0:1
35
30
+5,-15
6024
SPST N
.01-1
3
80
2.0:1
35-1000
27
+5,-15
6025
SPST R
2-18
2.5
60
2.0:1
12
20
+5,-5
6026
SPST R
6-18
1.8
40
1.5:1
100
50
+5,-15
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6024 ETC2-6024 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Sensata Technologies, I...
6024 SENSATA-6024 Datasheet
332Kb / 4P
Temperature Sensor & Thermostat Probe
Revised 3/9/18
logo
Christian Bürkert GmbH ...
6024 BURKERT-6024 Datasheet
1Mb / 12P
Direct-acting 2-way low differential pressure solenoid control valve
05.02.2021
logo
API Delevan
6024-020 API-6024-020 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
logo
List of Unclassifed Man...
60240 ETC2-60240 Datasheet
298Kb / 9P
60132 Circuit Breaker
More results

Similar Description - 6024

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6048 MICRONETICS-6048 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6058 MICRONETICS-6058 Datasheet
41Kb / 1P
SINGLE POLE, FOUR THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTOR
6063 MICRONETICS-6063 Datasheet
37Kb / 1P
SINGLE POLE, FIVE THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6071 MICRONETICS-6071 Datasheet
36Kb / 1P
SINGLE POLE, EIGHT THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com