Electronic Components Datasheet Search
  English  ▼

X  

710-321XM Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 710-321XM
Description  Composite Split Junction Fitting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

710-321XM Datasheet(HTML) 1 Page - Glenair, Inc.

  710-321XM Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
G-25
E-Mail: sales@glenair.com
www.glenair.com
RFI/EMI
Tongue &
Groove Joint
B Dia Typ
C Typ.
45° Typ.
End A
End C
End B
A Thread - Typ.
B Dia
.500 (12.7)
.750 (19.1)
1.000 (25.4)
1.250 (31.8)
1.625 (41.3)
.281
(7.1)
.375
(9.5)
Dash
No.
01
02
03
04
05
06
07
A Thread
Unified
.750 - 20
1.000 - 20
1.312 - 18
1.500 - 18
2.000 - 18
.500 - 20
.625 - 24
Table I
C Max
2.375 (60.3)
2.625 (66.7)
2.875 (73.0)
3.125 (79.4)
3.500 (88.9)
2.125 (54.0)
2.250 (57.2)
Weight in
Pounds Max.
.109
.152
.213
.254
.364
.041
.057
1. Metric dimensions (mm) are in parentheses and are for reference only.
2. Consult factory for availability.
End D
Note: When all ends are identical,
insert only one dash no. When
multiple dash numbers are ordered,
transition size will be determined by
the largest. Adapter may be supplied
on smaller entries. Letter to folow
entry will be supplied with adapters.
.500 (12.7)
Max
Adapter
Shape optional
Adapter
TABLE 2
XM
Electroless
Nickel
XW
Cadmium Olive
Drab Over
Electroless
Nickel
XB
No Plating -
Black Material
XO
No Plating - Base
Material
Non-conductive
Table II
710-321
Composite Split "+" Junction Fitting
for Series 72 and 74 Convoluted Tubing
710-321 XM 03*04*05*06
Basic Part No.
Finish (Table II)
End A Dash No. (Table I
End D Dash No. (Table I)
End C Dash No. (Table I)
End B Dash No. (Table I)


Similar Part No. - 710-321XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-321XM03 GLENAIR-710-321XM03 Datasheet
227Kb / 1P
Composite Split Junction Fitting
More results

Similar Description - 710-321XM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-319XM GLENAIR-710-319XM Datasheet
40Kb / 1P
Composite Split "Y" Junction Fitting
710-320XM GLENAIR-710-320XM Datasheet
39Kb / 1P
Composite Split Junction Fitting
710-318XM03 GLENAIR-710-318XM03 Datasheet
227Kb / 1P
Composite Split Junction Fitting
710-319XM03 GLENAIR-710-319XM03 Datasheet
233Kb / 1P
Composite Split Junction Fitting
710-320XM03 GLENAIR-710-320XM03 Datasheet
231Kb / 1P
Composite Split Junction Fitting
710-321XM03 GLENAIR-710-321XM03 Datasheet
227Kb / 1P
Composite Split Junction Fitting
712S269XM GLENAIR-712S269XM Datasheet
261Kb / 1P
Composite Shrink Boot Conduit Fitting
712S270XM GLENAIR-712S270XM Datasheet
255Kb / 1P
Composite EMI/RFI Single Shield Termination Conduit Fitting
710-318XM03 GLENAIR-710-318XM03_03 Datasheet
35Kb / 1P
Composite Split "T" Junction Fitting
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com