Electronic Components Datasheet Search
  English  ▼

X  

6903 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6903
Description  SINGLE POLE, DOUBLE THROW SURFACE MOUNT SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6903 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6903 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, DOUBLE THROW
SURFACE MOUNT SWITCHES
8
DESCRIPTION
These surface mount switches
provide a low cost solution
for applications above 2 GHz
where the performance of
plastic packaging generally
degrades. Each switch is easi-
ly mounted to microstrip sub-
assemblies and features her-
metic, military/industrial
design.
ADDITIONAL FEATURES (#6906)
s -1 dB compression of+40
dBm
CONNECTORS
s Surface mount
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s High speed digital
communication systems
s Transmit/receive:
▫ Cellular
▫ Personal
Communication
Systems (PCS)
▫ Industrial, Scientific &
Medical (ISM) Systems
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6903
SP2T R
5-6
0.8
40
1.7:1
125
25
+5, -5
6904
SP2T N
.01-1
1.0
60
1.8:1
25
25
+5
6906
SP2T R
.1-2
0.4
60
1.5:1
2000
43
+5,-28
6909
SP2T R
.5-4
0.5
50
1.5:1
125
25
+5, -5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6903

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
6903-SS RAF-6903-SS Datasheet
96Kb / 1P
PRECISION SHOULDER SCREWS SOCKET HEAD
logo
Presto International UK...
69030 PRESTO-69030 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Wurth Elektronik GmbH &...
690357100472 WURTH-690357100472 Datasheet
351Kb / 7P
WR-MM Male Connector
002.000
690357100672 WURTH-690357100672 Datasheet
351Kb / 7P
WR-MM Male Connector
002.000
690357100872 WURTH-690357100872 Datasheet
352Kb / 7P
WR-MM Male Connector
002.000
More results

Similar Description - 6903

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6048 MICRONETICS-6048 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6062 MICRONETICS-6062 Datasheet
35Kb / 1P
SINGLE POLE, FIVE THROW SURFACE MOUNT SWITCH
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com