Electronic Components Datasheet Search
  English  ▼

X  

6912 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6912
Description  SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6912 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6912 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, DOUBLE THROW
COMMERCIAL MICROSTRIP MODULES
9
DESCRIPTION
High isolation
transmit/receive switch
designed for high frequency
applications up to 16 GHz.
These modules are ideal for
large volume manufacturing.
ADDITIONAL FEATURES (#6912)
s Two-tone intermodulation
distortion
s 2nd order:
+55 dBm
CONNECTORS
s Pin
OPERATING ENVIRONMENT
s Operating Temperature:
20 to +85°C
s Storage Temperature:
-65 to +125°C
s Impedance:
50 ohm
s Control:
Analog
APPLICATIONS
s Point-to-point
microwave radio
s High speed modems
s Antenna diversity in
cellular/PCS radio units
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6912
SP2T R
9-10.1
1.1
50
1.5:1
1000
40
Analog
6913
SP2T R
.01-16
1.5
50
1.8:1
20
25
Analog
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6912

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691201820001 WURTH-691201820001 Datasheet
172Kb / 4P
Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
691201820002 WURTH-691201820002 Datasheet
172Kb / 4P
Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
691201820002 WURTH-691201820002 Datasheet
175Kb / 4P
Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
691201820101 WURTH-691201820101 Datasheet
172Kb / 4P
Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
logo
Clarke International
6912112 CLARKE-6912112 Datasheet
3Mb / 32P
INSET STOVE
GC 11/25 Rev 2
More results

Similar Description - 6912

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
Single Pole Double Throw Relay Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com