Electronic Components Datasheet Search
  English  ▼

X  

6027 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6027
Description  SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6027 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6027 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, DOUBLE THROW
DROP-IN MODULES WITH DRIVERS
11
DESCRIPTION
General purpose switches
designed for integration into
microstrip sub-assemblies at
frequencies up to 14 GHz.
The switch and driver are
extremely compact, making
these modules ideal for a wide
range of applications where
space is at a premium.
Hermetic, military/industrial
design.
CONNECTORS
s Pin
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperpature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar Warning Receivers
(RWR)
s Tracking radar
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6027
SP2T R
.5-2
0.8
60
1.5:1
1000
20
+5,-5
6028
SP2T R
1-12
1.3
50
2.0:1
1000
20
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6027 ETC2-6027 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Christian Bürkert GmbH ...
6027 BURKERT-6027 Datasheet
555Kb / 8P
Piston valve 2/2-way servo-assisted
15.01.2024
6027 BURKERT-6027 Datasheet
1Mb / 17P
Solenoids with Kick and Drop
16.11.2023
6027 BURKERT-6027 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
6027 BURKERT-6027 Datasheet
3Mb / 28P
Mass Flow Controller (MFC)/ Mass Flow Meter (MFM) for gases
16.02.2024
More results

Similar Description - 6027

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
6008 MICRONETICS-6008 Datasheet
34Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES WITH DRIVERS
6011 MICRONETICS-6011 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6053 MICRONETICS-6053 Datasheet
33Kb / 1P
SINGLE POLE, THREE THROW DROP-IN MODULES
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com