Electronic Components Datasheet Search
  English  ▼

X  

712AT419XM Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712AT419XM
Description  Composite Conduit-to-Connector Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712AT419XM Datasheet(HTML) 2 Page - Glenair, Inc.

  712AT419XM Datasheet HTML 1Page - Glenair, Inc. 712AT419XM Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-25
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
712-419
Composite Conduit-to-Connector Adapter
Straight, 45° and 90°
For Glenair Series 74 Helical Convoluted Tubing
TABLE I: CONNECTOR SHELL SIZE ORDER NUMBER
E
+.06 (1.5)
.72 (18.3)
.75 (19.1)
.75 (19.1)
.76 (19.3)
.78 (19.8)
.79 (20.1)
.82 (20.8)
.86 (21.8)
.89 (22.6)
.92 (23.4)
Tubing
Size Max.
09
12
16
20
24
28
32
32
40
40
Shell Size
A,F & H
G & U
08, 09
03, 10, 11
12, 13
14, 15
16, 17
18, 19
20, 21
22, 23
24, 25, 61
28
–
08
10, 11
12, 13
14, 15
16, 17
18, 19
20
22, 23
24, 25
F
+.09 (2.3)
.89 (22.6)
.95 (24.1)
1.02 (25.9)
1.05 (26.7)
1.07 (27.2)
1.08 (27.4)
1.11 (28.2)
1.15 (29.2)
1.18 (30.0)
1.21 (30.7)
G
+.06 (1.5)
.69 (17.5)
.75 (19.1)
.81 (20.6)
.88 (22.4)
.94 (23.9)
.97 (24.6)
1.06 (26.9)
1.13 (28.7)
1.19 (30.2)
1.34 (34.0)
H
+.09 (2.3)
1.11 (28.2)
1.16 (29.5)
1.22 (31.0)
1.29 (32.8)
1.35 (34.3)
1.38 (35.1)
1.47 (37.3)
1.54 (39.1)
1.73 (43.9)
1.82 (46.2)
J Dia
Max
.54 (13.7)
.63 (16.0)
.69 (17.5)
.73 (18.5)
.80 (20.3)
.87 (22.1)
1.00 (25.4)
1.18 (30.0)
1.32 (33.5)
1.47 (37.3)
1.76 (44.7)
2.13 (54.1)
K Dia. Entry
± .03 (.76)
.12
(3.0)
.22
(5.6)
.24
(6.1)
.29
(7.4)
.34
(8.6)
.40 (10.2)
.52 (13.2)
.65 (16.5)
.78 (19.8)
.90 (22.9)
1.08 (27.4)
1.32 (33.5)
Tubing
Size
06
09
10
12
14
16
20
24
28
32
40
48
Conduit
I.D.
.188 (4.8)
.281 (7.1)
.312 (7.9)
.375 (9.5)
.437 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.500 (38.1)
TABLE II: TUBING SIZE
APPLICATION NOTES
Metric dimensions (mm) are in parentheses and are for reference only.
1.
Convoluted tubing size, tubing to be ordered separately (see Series 74 Catalog, Type A Tubing Section, Standard Pitch). Dash 1
2.
configuration accommodates Type B or D Tubing. For PTFE maximum lengths - consult factory.
Different adapters are necessary to terminate PEEK tubing. Nominal I.D. reduced by approximately .060 (use Suffix P) in P/N
3.
development. For permanent termination use 3M Scotch Weld after installing tubing/shielding, see Detail A.
TABLE III
Symbol
Finish Description
XB
No Plating - Black Color (Non-Conductive Finish)
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XO
No Plating - Brown Color (Non-Conductive Finish)
XW
2000 Hour Corrosion Resistant Cadmium/Olive
Drab over Electroless Nickel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com