Electronic Components Datasheet Search
  English  ▼

X  

6054 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6054
Description  SINGLE POLE, THREE THROW DROP-IN MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6054 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6054 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, THREE THROW
DROP-IN MODULES
14
DESCRIPTION
General purpose switches
designed for integration into
microstrip sub-assemblies at
frequencies up to 14 GHz.
These switches are extremely
compact, making them ideal
for a wide range of applica-
tions where space is at a pre-
mium. Hermetic,
military/industrial design.
CONNECTORS
s Pin
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar Warning Receivers
(RWR)
s Tracking radar
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6053
SP3T R
1.5-1.9
1.0
50
1.5:1
400
20
+5,-5
6054
SP3T R
1-10
1.6
50
1.8:1
400
20
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6054 ETC2-6054 Datasheet
401Kb / 1P
TEST JACKS
logo
Belden Inc.
6054 BELDEN-6054 Datasheet
151Kb / 2P
Teck90 600V, 33G C #121414 Str BC, XLPE Ins, PVC Jkt, AIA Armor,Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
3M Electronics
6054 3M-6054 Datasheet
305Kb / 4P
6000 Series Full Face Respirators
05/2007
logo
Belden Inc.
6054-0105000 BELDEN-6054-0105000 Datasheet
151Kb / 2P
Teck90 600V, 33G C #121414 Str BC, XLPE Ins, PVC Jkt, AIA Armor,Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
SICK AG
6054091 SICK-6054091 Datasheet
810Kb / 7P
PRESSURE SENSORS
More results

Similar Description - 6054

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
Single Pole, Single Throw Normally Open
logo
Micronetics, Inc.
6005 MICRONETICS-6005 Datasheet
39Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES
6008 MICRONETICS-6008 Datasheet
34Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN MODULES WITH DRIVERS
6011 MICRONETICS-6011 Datasheet
41Kb / 1P
SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
6027 MICRONETICS-6027 Datasheet
34Kb / 1P
SINGLE POLE, DOUBLE THROW DROP-IN MODULES WITH DRIVERS
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
logo
Pasternack Enterprises,...
PE71S6060 PASTERNACK-PE71S6060 Datasheet
387Kb / 4P
Single Pole Three Throw Terminated Relay Switch
PE71S6063 PASTERNACK-PE71S6063 Datasheet
393Kb / 4P
Double Pole Three Throw Terminated Relay Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com