Electronic Components Datasheet Search
  English  ▼

X  

6065 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6065
Description  SINGLE POLE, SIX THROW 6065 SURFACE MOUNT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6065 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6065 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, SIX THROW
6065 SURFACE MOUNT SWITCH
19
DESCRIPTION
Designed for applications
where low power consump-
tion is a necessity, this small,
surface mount switch allows
for easy integration into
microstrip sub-assemblies.
Hermetic, military/industrial
design.
ADDITIONAL FEATURES
s Operating Current: <1 ma
CONNECTORS
s Surface mount
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
APPLICATIONS
s Missile systems
s Satellite communication
systems
s Portable test equipment
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6065
SP6T N
.01-.5
1.5
50
2.05:1
25
25
+5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6065

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6065 SCHURTER-6065 Datasheet
382Kb / 3P
IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
6065-H-ABC0-D-E SCHURTER-6065-H-ABC0-D-E Datasheet
382Kb / 3P
IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
logo
Belden Inc.
60650 BELDEN-60650 Datasheet
558Kb / 4P
CANopen / DeviceNet Data Double-Ended Cordset
02-03-2025
logo
Tyco Electronics
60650-1 MACOM-60650-1 Datasheet
944Kb / 22P
FASTON Receptacles
60650-2 MACOM-60650-2 Datasheet
944Kb / 22P
FASTON Receptacles
More results

Similar Description - 6065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6072 PASTERNACK-PE71S6072 Datasheet
435Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6073 PASTERNACK-PE71S6073 Datasheet
443Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6075 PASTERNACK-PE71S6075 Datasheet
445Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6077 PASTERNACK-PE71S6077 Datasheet
437Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6079 PASTERNACK-PE71S6079 Datasheet
426Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6084 PASTERNACK-PE71S6084 Datasheet
433Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6085 PASTERNACK-PE71S6085 Datasheet
409Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6086 PASTERNACK-PE71S6086 Datasheet
440Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6087 PASTERNACK-PE71S6087 Datasheet
427Kb / 4P
Single Pole Six Throw Relay Switch
PE71S6088 PASTERNACK-PE71S6088 Datasheet
427Kb / 4P
Single Pole Six Throw Relay Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com