Electronic Components Datasheet Search
  English  ▼

X  

BUT34 Datasheet(PDF) 7 Page - Motorola, Inc

Part # BUT34
Description  50 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 850 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT34 Datasheet(HTML) 7 Page - Motorola, Inc

  BUT34 Datasheet HTML 1Page - Motorola, Inc BUT34 Datasheet HTML 2Page - Motorola, Inc BUT34 Datasheet HTML 3Page - Motorola, Inc BUT34 Datasheet HTML 4Page - Motorola, Inc BUT34 Datasheet HTML 5Page - Motorola, Inc BUT34 Datasheet HTML 6Page - Motorola, Inc BUT34 Datasheet HTML 7Page - Motorola, Inc BUT34 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BUT34
7
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 197A–05
TO–204AE (TO–3)
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. BASE
2. EMITTER
CASE: COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.530 REF
38.86 REF
B
0.990
1.050
25.15
26.67
C
0.250
0.335
6.35
8.51
D
0.057
0.063
1.45
1.60
E
0.060
0.070
1.53
1.77
G
0.430 BSC
10.92 BSC
H
0.215 BSC
5.46 BSC
K
0.440
0.480
11.18
12.19
L
0.665 BSC
16.89 BSC
N
0.760
0.830
19.31
21.08
Q
0.151
0.165
3.84
4.19
U
1.187 BSC
30.15 BSC
V
0.131
0.188
3.33
4.77
A
N
E
C
K
–T– SEATING
PLANE
2 PL
D
M
Q
M
0.30 (0.012)
Y M
T
M
Y
M
0.25 (0.010)
T
–Q–
–Y–
2
1
L
G
B
V
H
U



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com