Electronic Components Datasheet Search
  English  ▼

X  

8157 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 8157
Description  SURFACE MOUNT ATTENUATOR WITH TABS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8157 Datasheet(HTML) 1 Page - Micronetics, Inc.

  8157 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24
SURFACE MOUNT ATTENUATOR WITH TABS
DESCRIPTION
This is a hermetic,
military/industrial, digital
attenuator designed with a
strobe line for automatic gain
control circuits. The 8157
surface mount attenuator also
features mounting tabs that
allow for good isolation and
extra mechanical strength.
ADDITIONAL FEATURES
s Video feed-through:
25 mV peak
s Power: <1 ma
CONNECTORS
s Surface mount
OPERATING ENVIRONMENT
s OperatingTemperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
TTL (positive logic)
APPLICATIONS
s Automatic gain control:
▫ Radar receivers
▫ Radar simulators
▫ Portable radios
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8157
5 Bit
.01-.5
3.2
62
1.8:1
35
25
+5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW .MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 8157

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8157 FILTRAN-8157 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
RAF ELECTRONIC HARDWARE
8157-1032-SS RAF-8157-1032-SS Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
8157-832-A RAF-8157-832-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8157270 FESTO-8157270 Datasheet
69Kb / 1P
Axial kit
1/12/23
8157271 FESTO-8157271 Datasheet
62Kb / 1P
Axial kit
1/10/23
More results

Similar Description - 8157

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
D10AAXXZ4 ANAREN-D10AAXXZ4 Datasheet
263Kb / 3P
Surface Mount Attenuator
D8NAXXY4 ANAREN-D8NAXXY4 Datasheet
247Kb / 3P
Surface Mount Attenuator 8 Watts
D30AXXY4 ANAREN-D30AXXY4 Datasheet
145Kb / 2P
Surface Mount Attenuator 30 Watts
RFP-250250N4AAXX ANAREN-RFP-250250N4AAXX Datasheet
226Kb / 2P
Surface Mount Attenuator 10 Watts
logo
Molex Electronics Ltd.
0473882001 MOLEX6-0473882001 Datasheet
151Kb / 3P
2.54mm (.100") Pitch SIM Card Connector, 6 Circuits, Surface Mount, with PCB Retention Solder Tabs
logo
Vishay Siliconix
CZA VISHAY-CZA Datasheet
108Kb / 3P
Thick Film Chip Resistor Attenuator, Surface Mount
27-Apr-10
logo
Anaren Microwave
D10AA1Z4 ANAREN-D10AA1Z4_11 Datasheet
95Kb / 2P
Surface Mount Attenuator 10 Watts
logo
Molex Electronics Ltd.
1050170001 MOLEX1-1050170001_18 Datasheet
34Kb / 2P
Micro-USB B Receptacle, Bottom Mount, Surface Mount, with Solder Tabs, Lead-Free
1050170002 MOLEX1-1050170002 Datasheet
34Kb / 2P
Micro-USB B Receptacle, Bottom Mount, Surface Mount with Solder Tabs, Lead-Free
1051330031 MOLEX1-1051330031 Datasheet
39Kb / 2P
Micro-USB B Receptacle with Flange, Vertical, Surface Mount, 9.80mm Height, 2.30mm Solder Tabs, Lead-Free
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com