Electronic Components Datasheet Search
  English  ▼

X  

8158 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 8158
Description  SURFACE MOUNT ATTENUATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8158 Datasheet(HTML) 1 Page - Micronetics, Inc.

  8158 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT ATTENUATORS
25
DESCRIPTION
These broadband digital
attenuators are ideal for high
volume applications where
power control is a must.
Each attenuator offers high
speed and/or wide dynamic
range with suitability up to 6
GHz. Hermetic, military/
industrial design.
ADDITIONAL FEATURES (#8158)
s Video feed-through:
50 mV peak
CONNECTORS
s Surface mount
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Power control:
▫ Cellular
▫ PCS systems
▫ Satellite systems
▫ Point-to-point radio
systems
s Radar Warning Receivers
(RWR)
s Radar simulation
s Test equipment
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8158
6 Bit
.01-1
3.5
63
2.0:1
35
25
+5
8159
5 Bit
4-6
2.7
31
2.0:1
2000
10
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 8158

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8158 FILTRAN-8158 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
TE Connectivity Ltd
8158 TEC-8158 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
RAF ELECTRONIC HARDWARE
8158-832-SS RAF-8158-832-SS Datasheet
101Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
More results

Similar Description - 8158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
Surface Mount Attenuators 8 Watts
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
Thin Film Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
Surface Mount Attenuators
logo
IRC - a TT electronics ...
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
High Frequency Surface Mount Attenuators
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
High Frequency Surface Mount Attenuators
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
Thin Film Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
High Frequency Surface Mount Attenuators
logo
American Accurate Compo...
VVA001 AAC-VVA001 Datasheet
189Kb / 1P
Surface Mount Voltage Variable Attenuators
logo
List of Unclassifed Man...
TFA-54DD ETC-TFA-54DD Datasheet
752Kb / 1P
SURFACE MOUNT RF POWER ATTENUATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com